Electronic Components Datasheet Search
  English  ▼

X  

PD035OX4 Datasheet(PDF) 1 Page - AZ Displays

Part # PD035OX4
Description  TECHNICAL SPECIFICATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035OX4 Datasheet(HTML) 1 Page - AZ Displays

  PD035OX4 Datasheet HTML 1Page - AZ Displays PD035OX4 Datasheet HTML 2Page - AZ Displays PD035OX4 Datasheet HTML 3Page - AZ Displays PD035OX4 Datasheet HTML 4Page - AZ Displays PD035OX4 Datasheet HTML 5Page - AZ Displays PD035OX4 Datasheet HTML 6Page - AZ Displays PD035OX4 Datasheet HTML 7Page - AZ Displays PD035OX4 Datasheet HTML 8Page - AZ Displays PD035OX4 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
PD035OX4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:1
Version: 2.0
TECHNICAL SPECIFICATION
MODEL NO : PD035OX4
Customer’s Confirmation
Customer
Date
By
PVI’s Confirmation
P-511-295(V:2)
FOR MORE INFORMATION:
AZ DISPLAYS, INC.
75 COLUMBIA, ALISO VIEJO, CA, 92656
Http://www.AZDISPLAYS.com


Similar Part No. - PD035OX4

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1 Datasheet
608Kb / 33P
This technical specification applies to 3.5inch color TFT-LCD panel PD035OX1.
PD035OX1 AZDISPLAYS-PD035OX1 Datasheet
821Kb / 31P
TECHNICAL SPECIFICATION
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
TECHNICAL SPECIFICATION
More results

Similar Description - PD035OX4

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
TECHNICAL SPECIFICATION
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
TECHNICAL SPECIFICATION
logo
Mitsubishi Electric Sem...
AA057VG02 MITSUBISHI-AA057VG02 Datasheet
324Kb / 22P
TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com