Electronic Components Datasheet Search
  English  ▼

X  

PD035OX4 Datasheet(PDF) 8 Page - AZ Displays

Part # PD035OX4
Description  TECHNICAL SPECIFICATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035OX4 Datasheet(HTML) 8 Page - AZ Displays

Back Button PD035OX4 Datasheet HTML 4Page - AZ Displays PD035OX4 Datasheet HTML 5Page - AZ Displays PD035OX4 Datasheet HTML 6Page - AZ Displays PD035OX4 Datasheet HTML 7Page - AZ Displays PD035OX4 Datasheet HTML 8Page - AZ Displays PD035OX4 Datasheet HTML 9Page - AZ Displays PD035OX4 Datasheet HTML 10Page - AZ Displays PD035OX4 Datasheet HTML 11Page - AZ Displays PD035OX4 Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
PD035OX4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:8
Note 5-13 : The definition of L/R , U/D
Note 5-14 : IF1,IF2 control the input data format.
IF2,IF1
Input data format
L,L (default)
Serial RGB
L,H
Parallel RGB
H,L
CCIR601
H,H
CCIR656
Note 5-15 : When POL=L, output voltage is negative polarity.
When POL=H, output voltage is positive polarity.
6.Absolute Maximum Ratings
VSS1=VSS2=0 V Ta = 25
Parameter
Symbol
MIN.
MAX.
Unit Remark
VCC
-0.3
+7.0
V
Supply voltage for source driver
VDD2
-0.3
+7.0
V
VDD1
-0.3
+7.0
V
H Level VGH
-0.3
+32.0
V
L Level VEE
-22.0
+0.3
V
Supply voltage for gate driver
VGH-VEE
-0.3
+45.0
V
Input signal voltage
VIN
-0.3
VDD+0.3
V
P-511-295(V:2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com