Electronic Components Datasheet Search
  English  ▼

X  

ADP2116 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP2116
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP2116 Datasheet HTML 28Page - Analog Devices ADP2116 Datasheet HTML 29Page - Analog Devices ADP2116 Datasheet HTML 30Page - Analog Devices ADP2116 Datasheet HTML 31Page - Analog Devices ADP2116 Datasheet HTML 32Page - Analog Devices ADP2116 Datasheet HTML 33Page - Analog Devices ADP2116 Datasheet HTML 34Page - Analog Devices ADP2116 Datasheet HTML 35Page - Analog Devices ADP2116 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
ADP2116
Rev. 0 | Page 35 of 36
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Good circuit board layout is essential for obtaining the best
performance from each channel of the ADP2116. Poor circuit
layout degrades the output ripple and regulation, as well as the
EMI and electromagnetic compatibility performance. For
optimum layout, refer to the following guidelines:
•
Use separate analog and power ground planes. Connect the
ground reference of sensitive analog circuitry, such as output
voltage divider components, to analog ground. In addition,
connect the ground references of power components, such as
input and output capacitors, to power ground. Connect
both ground planes to the exposed pad of the ADP2116.
•
Place the input capacitor of each channel as close to the
VINx pins as possible and connect the other end to the
closest power ground plane.
•
For low noise and better transient performance, a filter is
recommended between VINx and VDD. Place a 1 μF, 10 Ω
low-pass input filter between the VDD pin and the VINx
pins, as close to the GND pin as possible.
•
Ensure that the high current loop traces are as short and
as wide as possible. Make the high current path from CIN
through the L, the COUT, and the power ground plane back to
CIN as short as possible. To accomplish this, ensure that the
input and output capacitors share a common power ground
plane. In addition, ensure that the high current path from
the PGNDx pin through L and COUT back to the power
ground plane is as short as possible by tying the PGNDx pins
of the ADP2116 to the PGND plane as close as possible to
the input and output capacitors (see Figure 76).
•
Connect the ADP2116 exposed pad to a large copper plane
to maximize its power dissipation capability. Thermal
conductivity can be obtained using the method described
in JEDEC Standard JESD51-7.
•
Place the feedback resistor divider network as close as
possible to the FBx pin to prevent noise pickup. Try to
minimize the length of the trace that connects the top of
the feedback resistor divider to the output while keeping
the trace away from the high current traces and the switching
node to avoid noise pickup. To further reduce noise pickup,
place an analog ground plane on either side of the FBx
trace and ensure that the trace is as short as possible to
reduce the parasitic capacitance pickup.
1µF
GND
VDD
ADP2116
VINx
SWx
PGNDx
L
FBx
GND
LOAD
10
Ω
VIN
CIN
COUT
VOUT
Figure 76. High Current Traces in the PCB Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com