Electronic Components Datasheet Search
  English  ▼

X  

ADP2116 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP2116
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP2116 Datasheet HTML 27Page - Analog Devices ADP2116 Datasheet HTML 28Page - Analog Devices ADP2116 Datasheet HTML 29Page - Analog Devices ADP2116 Datasheet HTML 30Page - Analog Devices ADP2116 Datasheet HTML 31Page - Analog Devices ADP2116 Datasheet HTML 32Page - Analog Devices ADP2116 Datasheet HTML 33Page - Analog Devices ADP2116 Datasheet HTML 34Page - Analog Devices ADP2116 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
ADP2116
Rev. 0 | Page 31 of 36
5.
Calculate the compensation component values of the
feedback loop by using the following equation:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
REF
OUT
OUT
CS
m
CROSS
COMP
V
V
C
G
g
f
R
)
π
2
(
9
.
0
where:
gm = 550 μS.
GCS = 4 A/V.
VREF = 0.6 V.
VOUT = 1.2 V.
COUT = 0.8 × (47 + 100) μF (capacitance derated by 20% to
account for dc bias).
From Equation 18,
RCOMP = 30 kΩ.
Substituting RCOMP in Equation 19 yields CCOMP = 820 pF.
SYSTEM CONFIGURATION
Complete the following steps to further configure the ADP2116
for this design example:
1.
Set the switching frequency (fSW) to 600 kHz (see Table 5)
by connecting the FREQ pin through an 8.2 kΩ resistor
to GND.
2.
Tie SCFG to VDD and use the CLKOUT signal to
synchronize other converters on the same board with the
ADP2116.
3.
Tie OPCFG through an 82 kΩ resistor to GND for 3 A/3 A
maximum output current operation and to enable pulse
skip mode at light load conditions (see Table 7).
A schematic of the ADP2116 as configured in the design example
described in the Design Example section is shown in Figure 71.
Other configurations are shown in Figure 72 to Figure 74. An
application circuit of a single interleaved, dual-phase, 6 A output
is shown in Figure 72. The schematic in Figure 73 depicts an
application circuit with a 3A/2A dual-output load and a 300 kHz
switching frequency, and the schematic of a dual-output converter
that works at 1.2 MHz with an adjustable VOUT1 and VOUT2 is shown
in Figure 74.
Table 11. Channel 2 Circuit Settings
Circuit Parameter
Setting
Value
Output Voltage, VOUT
Nominal
1.2 V
Reference Voltage, VREF
Typical
0.6 V
Error Amplifier Transconductance, gm
Typical
550 μS
Current-Sense Gain, GCS
Typical
4 A/V
Switching Frequency, fSW
See Step 2
600 kHz
Crossover Frequency, fCROSS
1/12 fSW
50 kHz
Zero Frequency, fZERO
1/8 fCROSS
6.25 kHz
Output Inductor, LOUT
Step 3
2.2 μH
Output Capacitor, COUT
Step 4
(47 + 100) μF
Compensation Resistor, RCOMP
See Equation 18
30 kΩ
Compensation Capacitor, CCOMP
See Equation 19
820 pF
Table 12 provides the recommended inductor, output capacitor,
and compensation component values for a set of popular input
and output voltage combinations.
Table 12. Selection Table of L, COUT, and Compensation Values
fSW (kHz)
VIN (V)
VOUT (V)
Maximum Load (A)1
L (μH)
COUT (μF)
RCOMP (kΩ)
CCO P (pF)
M
300
5
3.3
3.0
6.8
100
30
1600
300
5
2.5
3.0
5.6
122 (22 + 100)
27
1800
300
5
1.8
3.0
4.7
147 (47 + 100)
22
2200
300
5
1.2
3.0
3.3
247 (47 + 2 × 100)
30
1600
600
5
3.3
3.0
3.3
47
33
750
600
5
2.5
3.0
3.3
69 (22 + 47)
30
820
600
5
1.8
3.0
2.2
100
30
820
600
5
1.2
3.0
2.2
147 (47 + 100)
30
820
600
5
1.2
6.0
2 × 2.2
294 (2 × 47 + 2 × 100)
15
1600
1200
5
2.5
3.0
1.0
47
33
390
1200
5
1.8
3.0
1.0
57 (10 + 47)
33
390
1200
5
1.2
3.0
1.0
69 (22 + 47)
27
470
1200
5
1.2
6.0
2 × 1.0
141 (3 × 47)
13
910
1200
5
0.8
3.0
1.0
122 (22 + 100)
33
390
1 A maximum load of 6.0 A is available only with the single interleaved, dual-phase, 6 A output configuration (see
).
Figure 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com