Electronic Components Datasheet Search
  English  ▼

X  

ADP2116 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2116
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2116 Datasheet HTML 10Page - Analog Devices ADP2116 Datasheet HTML 11Page - Analog Devices ADP2116 Datasheet HTML 12Page - Analog Devices ADP2116 Datasheet HTML 13Page - Analog Devices ADP2116 Datasheet HTML 14Page - Analog Devices ADP2116 Datasheet HTML 15Page - Analog Devices ADP2116 Datasheet HTML 16Page - Analog Devices ADP2116 Datasheet HTML 17Page - Analog Devices ADP2116 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ADP2116
Rev. 0 | Page 14 of 36
LOAD TRANSIENT RESPONSE
CH3 5.0V
CH2 100mV
CH4 2.0A
M400µs 62.5MS/s
16ns/pt
A CH4
2.16A
1
2
4
IOUT1
SW1, SW2
VOUT1, AC
Ω
B
W
B
W
B
W
Figure 35. Load Transient Response in Pulse Skip Mode,
Channel 1: 0.3 A to 3 A Load Step, VIN = 5 V, VOUT = 2.5 V, fSW = 600 kHz
(See Table 12 for the Circuit Details)
CH2 200mV
CH4 1.0A
M400µs 50MS/s
200ns/pt
A CH4
1.7A
2
4
IOUT1
VOUT1, AC
Ω
B
W
B
W
Figure 36. Load Transient Response in Pulse Skip Mode,
Channel 1: 0.3 A to 3 A Load Step, VIN = 5 V, VOUT = 3.3 V, fSW = 300 kHz
(See Table 12 for the Circuit Details)
CH4 200mV
CH2 2.0A
M200µs
T 24.00%
A CH2
3.2A
2
4
IOUT
VOUT, AC
Ω
B
W
Figure 37. Load Transient Response in Forced PWM Mode,
Combined Output: 0 A to 6 A Load Step, VIN = 5 V, VOUT = 3.3 V, fSW = 600 kHz
(See Table 12 for the Circuit Details)
CH3 5V
CH2 50mV
CH4 2.0A
M200µs 125MS/s
8ns/pt
A CH4
2.16A
3
2
4
VOUT2, AC
IOUT2
SW3, SW4
Ω
B
W
B
W
B
W
Figure 38. Load Transient Response in Pulse Skip Mode,
Channel 2: 0.3 A to 3 A Load Step, VIN = 5 V, VOUT = 1.2 V, fSW = 600 kHz
(See Table 12 for the Circuit Details)
CH2 50mV
CH4 1.0A
M200µs 125MS/s
8ns/pt
A CH4
1.7A
2
4
IOUT2
VOUT2, AC
Ω
B
W
B
W
Figure 39. Load Transient Response in Pulse Skip Mode,
Channel 2: 0.3 A to 3 A Load Step, VIN = 3.3 V, VOUT = 1.2 V, fSW = 1.2 MHz
(See Table 12 for the Circuit Details)
CH2 50mV
CH4 2.0A
M200µs 125MS/s
8ns/pt
A CH4
1.68A
2
4
IOUT
VOUT , AC
Ω
B
W
B
W
Figure 40. Load Transient Response in Forced PWM Mode,
Combined Output: 0.6 A to 6 A Load Step, VIN = 5 V, VOUT = 1.2 V, fSW = 600 kHz
(See Table 12 for the Circuit Details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com