Electronic Components Datasheet Search
  English  ▼

X  

78Q2133/F Datasheet(PDF) 13 Page - Teridian Semiconductor Corporation

Part # 78Q2133/F
Description  10/100BASE-TX Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78Q2133/F Datasheet(HTML) 13 Page - Teridian Semiconductor Corporation

Back Button 78Q2133/F Datasheet HTML 9Page - Teridian Semiconductor Corporation 78Q2133/F Datasheet HTML 10Page - Teridian Semiconductor Corporation 78Q2133/F Datasheet HTML 11Page - Teridian Semiconductor Corporation 78Q2133/F Datasheet HTML 12Page - Teridian Semiconductor Corporation 78Q2133/F Datasheet HTML 13Page - Teridian Semiconductor Corporation 78Q2133/F Datasheet HTML 14Page - Teridian Semiconductor Corporation 78Q2133/F Datasheet HTML 15Page - Teridian Semiconductor Corporation 78Q2133/F Datasheet HTML 16Page - Teridian Semiconductor Corporation 78Q2133/F Datasheet HTML 17Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
78Q2123/78Q2133 MicroPHY™
10/100BASE-TX Transceiver
Page: 13 of 42
© 2009 Teridian Semiconductor Corporation
Rev 1.5
MR1: Status Register
Bits 1.15 through 1.11 reflect the ability of the 78Q2123/78Q2133. They do not reflect any ability changes made
via the MII Management interface to bits 0.13 (SPEEDSL) , 0.12 (ANEGEN) and 0.8 (DUPLEX) in the Control
Register.
BIT
SYMBOL
TYPE DEFAULT DESCRIPTION
1.15
100T4
R
0
100BASE-T4 Ability: Reads ‘0’ to indicate the 78Q2123/78Q2133 do
not support 100Base-T4 mode.
1.14
100X_F
R
1
100BASE-TX Full Duplex Ability:
0 : Not able
1 : Able
1.13
100X_H
R
1
100BASE-TX Half Duplex Ability:
0 : Not able
1 : Able
1.12
10T_F
R
1
10BASE-T Full Duplex Ability:
0 : Not able
1 : Able
1.11
10T_H
R
1
10BASE-T Half Duplex Ability:
0 : Not able
1 : Able
1.10
100T2_F
R
0
100BASE-T2 Full Duplex Ability:
Reads ‘0’ to indicate the
78Q2123/78Q2133 do not support 100Base-T2 full duplex mode.
1.9
100T2_H
R
0
100BASE-T2 Half Duplex Ability:
Reads ‘0’ to indicate the
78Q2123/78Q2133 do not support 100Base-T2 full duplex mode.
1.8
EXTS
R
0
Extended Status Information Availability: Reads ‘0’ to indicate the
78Q2123/78Q2133 do not support Extended Status information on
MR15.
1.7
RSVD
R
0
Reserved
1.6
MFPS
R
0
Management Frame Preamble Suppression Support: A “0” indicates
that the 78Q2123/78Q2133 can read management frames with a
preamble.
1.5
ANEGC
R
0
Auto-Negotiation Complete:
A logic one indicates that the Auto-
Negotiation process has been completed, and that the contents of
registers MR4,5,6 are valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com