Electronic Components Datasheet Search
  English  ▼

X  

78Q2133/F Datasheet(PDF) 21 Page - Teridian Semiconductor Corporation

Part # 78Q2133/F
Description  10/100BASE-TX Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78Q2133/F Datasheet(HTML) 21 Page - Teridian Semiconductor Corporation

Back Button 78Q2133/F Datasheet HTML 17Page - Teridian Semiconductor Corporation 78Q2133/F Datasheet HTML 18Page - Teridian Semiconductor Corporation 78Q2133/F Datasheet HTML 19Page - Teridian Semiconductor Corporation 78Q2133/F Datasheet HTML 20Page - Teridian Semiconductor Corporation 78Q2133/F Datasheet HTML 21Page - Teridian Semiconductor Corporation 78Q2133/F Datasheet HTML 22Page - Teridian Semiconductor Corporation 78Q2133/F Datasheet HTML 23Page - Teridian Semiconductor Corporation 78Q2133/F Datasheet HTML 24Page - Teridian Semiconductor Corporation 78Q2133/F Datasheet HTML 25Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
78Q2123/78Q2133 MicroPHY™
10/100BASE-TX Transceiver
Page: 21 of 42
© 2009 Teridian Semiconductor Corporation
Rev 1.5
MR23: LED Configuration Register
BIT
SYMBOL
TYPE DEFAULT DESCRIPTION
23.15:8
Reserved
NA
<0000>
Must set to zero on each write to MR23
23.7:4
LED1[3:0]
R/W
<1h>
0000 = Link OK
0001 = RX or TX Activity (Default LED1)
0010 = TX Activity
0011 = RX Activity
0100 = Collision
0101 = 100 BASE-TX mode
0110 = 10 BASE-T mode
0111 = Full Duplex
1000 = Link OK/Blink=RX or TX Activity
23.3:0
LED0[3:0]
R/W
<0h>
0000 = Link OK (Default LED0)
0001 = RX or TX Activity
0010 = TX Activity
0011 = RX Activity
0100 = Collision
0101 = 100 BASE-TX mode
0110 = 10 BASE-T mode
0111 = Full Duplex
1000 = Link OK/Blink=RX or TX Activity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com