Electronic Components Datasheet Search
  English  ▼

X  

33926 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33926
Description  5.0 A Throttle Control H-Bridge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33926 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33926 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 25Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33926
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Figure 17. Device on Thermal Test Board RθJA
Figure 18. Transient Thermal Resistance RθJA,
1.0 W Step response, Device on Thermal Test Board Area A = 600 (mm2)
0
10
20
30
40
50
60
70
80
90
Heat Spreading Area A [mm²]
0
300
600
RθJA [°C/W]
x
0.1
1
10
100
1.00E-03
1.00E-02 1.00E-01 1.00E+00 1.00E+01 1.00E+02 1.00E+03 1.00E+04
Time[s]
RθJA [°C/W]
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com