Electronic Components Datasheet Search
  English  ▼

X  

33926 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33926
Description  5.0 A Throttle Control H-Bridge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33926 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33926 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33926
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Peak Package Reflow Temperature During Reflow (7), (8)
TPPRT
250
°C
Approximate Junction-to-Case Thermal Resistance (9)
RθJC
<
1.0
°C/W
Notes
7.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
8.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C for Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
9.
Exposed heatsink pad plus the power and ground pins comprise the main heat conduction paths. The actual RθJB (junction-to-PC board)
values will vary depending on solder thickness and composition and copper trace thickness and area. Maximum current at maximum
die temperature represents ~16 W of conduction loss heating in the diagonal pair of output MOSFETs. Therefore, the RθJA must be
<5.0
°C/W for maximum current at 70°C ambient. Module thermal design must be planned accordingly.
Table 2. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device. These parameters are not production tested.
Ratings
Symbol
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com