Electronic Components Datasheet Search
  English  ▼

X  

33982B Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 33982B
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982B Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 33982B Datasheet HTML 24Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 25Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 26Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 27Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 28Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 29Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 30Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 31Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
33982
TYPICAL APPLICATIONS
LOGIC COMMANDS AND REGISTERS
TYPICAL APPLICATIONS
Figure 12. Typical Applications
The loads must be chosen in order to guarantee the device
normal operating condition for junction temperatures from -40
to 150°C. In case of permanent short-circuit conditions, the
duration and number of activation cycles must be limited with
a dedicated MCU fault management, using the fault reporting
through the SPI. When driving DC motor or Solenoid loads
demanding multiple switching, an external recirculation
device must be used to maintain the device in its Safe
Operating Area.
Two application notes are available:
• AN3274, which proposes safe configurations of the
eXtreme Switch devices in case of application faults, and
to protect all circuitry with minimum external components.
• AN2469, which provides guidelines for Printed Circuit
Board (PCB) design and assembly.
Development effort will be required by the end users to
optimize the board design and PCB layout, in order to reach
electromagnetic compatibility standards (emission and
immunity).
A/D
MCU
I/O
I/O
SI
SO
SCLK
I/O
CS
SO
SI
FS
VDD
FSI
CSNS
RST
CS
IN
SCLK
NC
WAKE
NC VPWR
33982
100nF
10µF
VDD
VDD
GND
HS
HS
VPWR
VPWR
2.5µF
10nF
LOAD
RFS
1k
10 k
10 k
VDD
10
3
7
8
4
2
9
5
13
1
16
6
15
14
11
Voltage
Regulator
VDD
VPWR
NC
12
10k
10k
10k
10k
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com