Electronic Components Datasheet Search
  English  ▼

X  

33982B Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 33982B
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982B Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 33982B Datasheet HTML 28Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 29Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 30Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 31Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 32Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 33Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 34Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 35Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 36Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
33982
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 3.0)
Figure 14. Thermal Test Board
Device on Thermal Test Board
RθJA is the thermal resistance between die junction and
ambient air.
This device is a dual die package. Index m indicates the
die that is heated. Index n refers to the number of the die
where the junction temperature is sensed.
HS
HS
16
15
VPWR
14
GND
13
1
11 10 9 8 7
6 5
4
3 2
12
16-Pin PQFN
0.90 mm Pitch
12.0 mm x 12.0 mm Body
33982 Pin Connections
Transparent Top View
A
A
Material:
Single layer printed circuit board
FR4, 1.6 mm thickness
Cu traces, 0.07 mm thickness
Outline:
80 mm x 100 mm board area,
including edge connector for thermal
testing
Area A:
Cu heat-spreading areas on board
surface
Ambient Conditions:
Natural convection, still air
Table 20. Thermal Resistance Performance
Thermal
Resistance
Area A
(mm2)
1 = Power Chip, 2 = Logic Chip (
°C/W)
m = 1,
n = 1
m = 1, n = 2
m = 2, n = 1
m = 2,
n = 2
RθJAmn
055
42
74
300
41
32
66
600
39
29
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com