Electronic Components Datasheet Search
  English  ▼

X  

33982B Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 33982B
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982B Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 33982B Datasheet HTML 28Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 29Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 30Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 31Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 32Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 33Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 34Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 35Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 36Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
33982
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 3.0)
Figure 15. Device on Thermal Test Board RθJA
Figure 16. Transient Thermal Resistance RθJA (1.0 W Step Response)
Device on Thermal Test Board Area A = 600(mm2)
0
10
20
30
40
50
60
70
80
Heat spreading area A [mm²]
0
300
600
RθJA11
RθJA22
RθJA12 =RθJA21
x
0.1
1
10
100
1.00E-03
1.00E-02
1.00E-01
1.00E+00 1.00E+01 1.00E+02
1.00E+03 1.00E+04
Time(s)
RθJA11
RθJA22
RθJA12 =RθJA21
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com