Electronic Components Datasheet Search
  English  ▼

X  

33984B Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 33984B
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984B Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 33984B Datasheet HTML 22Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 23Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 24Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 25Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 26Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 27Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 28Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 29Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
33984
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Address x100—Direct Input Control Register (DICR)
The DICR register is used by the MCU to enable, disable,
or configure the direct IN pin control of each output. Each
output is independently selected for configuration based on
the state of bit D7. A write to this register when bit D7 is
Logic [0] will configure the direct input control for the HS0.
Similarly, if D7 is Logic [1] when this register is written, then
HS1 is configured.
A Logic [0] on bit D1 will enable the output for direct control
by the IN pin. A Logic [1] on bit D1 will disable the output from
direct control. While addressing this register, if the input was
enabled for direct control, a Logic [1] for the D0 bit will result
in a Boolean AND of the IN pin with its corresponding D0
message bit when addressing the OCR register. Similarly, a
Logic [0] on the D0 pin results in a Boolean OR of the IN pin
with the corresponding message bits when addressing the
OCR register.
The DICR register is useful if there is a need to
independently turn on and off several loads that are PWM’d
at the same frequency and duty cycle with only one PWM
signal. This type of operation can be accomplished by
connecting the pertinent direct IN pins of several devices to a
PWM output port from the MCU and configuring each of the
outputs to be controlled via their respective direct IN pin. The
DICR is then used to Boolean AND the direct IN(s) of each of
the outputs with the dedicated SPI bit that also controls the
output. Each configured SPI bit can now be used to enable
and disable the common PWM signal from controlling its
assigned output.
A Logic [1] on bit D2 is used to select the high ratio (CSR1,
1/41000) on the CSNS pin for the selected output. The
default value [0] is used to select the low ratio (CSR0,
1/20500). A Logic [1] on bit D3 is used to select the high
speed slew rate for the selected output. The default value [0]
corresponds to the low speed slew rate.
Address 0101—Output Switching Delay Register (OSDR)
The OSDR register configures the device with a
programmable time delay that is active during Output ON
transitions initiated via the SPI (not via direct input).
A write to this register configures both outputs for different
delay. Whenever the input is commanded to transition from
Logic [0] to Logic [1], both outputs will be held OFF for the
time delay configured in the OSDR. The programming of the
contents of this register have no effect on device Fail-safe
Mode operation. The default value of the OSDR register is
000, equating to no delay. This feature allows the user a way
to minimize inrush currents, or surges, thereby allowing loads
to be switched ON with a single command. There are eight
selectable output switching delay times that range from 0ms
to 525 ms. Refer to Table 14.
Address 1101—Watchdog Register (WDR)
The WDR register is used by the MCU to configure the
watchdog timeout. Watchdog timeout is configured using bits
D1:D0. When D1:D0 bits are programmed for the desired
watchdog timeout period, the WD bit (D7) should be toggled
as well, ensuring the new timeout period is programmed at
the beginning of a new count sequence. Refer to Table 15.
Address 0110—No Action Register (NAR)
The NAR register can be used to no-operation fill SPI data
packets in a daisy chain SPI configuration. This allows
devices to not be affected by commands being clocked over
a daisy-chained SPI configuration, and by toggling the WD bit
(D7), the watchdog circuitry will continue to be reset while no
programming or data readback functions are being requested
from the device.
Address 1110—Under-voltage/Over-voltage Register
(UOVR)
The UOVR register can be used to disable or enable over-
voltage and/or under-voltage protection. By default
(Logic [0]), both protections are active. When disabled, an
under-voltage or over-voltage condition fault will not be
reported in the output fault register.
Address x111—TEST
The TEST register is reserved for test and is not
accessible with SPI during normal operation.
Table 14. Switching Delay
OSD[2:0] (D2:D0)
Turn ON Delay (ms)
HS0
Turn ON Delay (ms)
HS1
000
0
0
001
75
0
010
150
150
011
225
150
100
300
300
101
375
300
110
450
450
111
525
450
Table 15. Watchdog Timeout
WD[1:0] (D1:D0)
Timing (ms)
00
620
01
310
10
2500
11
1250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com