Electronic Components Datasheet Search
  English  ▼

X  

33984B Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 33984B
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984B Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 33984B Datasheet HTML 25Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 26Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 27Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 28Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 29Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 30Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 31Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 32Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
33984
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
Figure 11. Typical Applications
The loads must be chosen in order to guarantee the device
normal operating conditions for junction temperatures from -
40 to 150°C. In case of permanent short-circuit conditions,
the duration and number of activation cycles must be limited
with a dedicated MCU fault management, using the fault
reporting through the SPI. When driving DC motor or
Solenoid loads demanding multiple switching, an external
recirculation device must be used to maintain the device in its
Safe Operating Area.
Two application notes are available:
• AN3274, which proposes safe configurations of the
eXtreme Switch devices in case of application faults, and
to protect all circuitry with minimum external components.
• AN2469, which provides guidelines for Printed Circuit
Board (PCB) design and assembly.
Development effort will be required by the end users to
optimize the board design and PCB layout, in order to reach
electromagnetic compatibility standards (emission and
immunity).
OUTPUT CURRENT MONITORING
This section relates to the output current monitoring for
33984, Dual 4.0 m
Ω High Side Switch. This device is a self-
protected silicon switch used to replace electromechanical
relays, fuses, and discrete circuits in power management
applications. The MC33984 features a current recopy which
is proportional to the load current. It can be configured
between 2 ratios via SPI (CSR0 and CSR1).
This section presents the current recopy tolerance of the
device and the improvement of this feature with the
calibration practice.
CURRENT RECOPY TOLERANCE
The Current Sense Ratio Accuracies described page 9
and 10 (CSR0_ACC and CSR1_ACC) take into account:
• part to part deviation due to manufacturing,
• ambient temperature derating (from -40 to 125°C),
• battery voltage range (from 9 to 16 V).
Thanks to statistical data analysis performed on 3
production lots (initial testing only), the effect of each
contributor has been demonstrated.
A/D
MCU
I/O
I/O
SI
SO
SCLK
I/O
CS
SI
FS
VDD
FSI
CSNS
RST
CS
IN0
SCLK
WAKE
NC VPWR
33984
100 nF
10 µF
VDD
VDD
GND
HS1
HS0
VPWR
VPWR
2.5µF
10nF
LOAD
RFSI
1k
2.2k
10k
VDD
10
7
8
12
4
2
9
5
13
1
16
6
15
14
3
LOAD
Voltage
Regulator
VDD
VPWR
IN1
I/O
SO
11
10 k
10 k
10 k
10 k
10 k
10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com