Electronic Components Datasheet Search
  English  ▼

X  

33984B Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # 33984B
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984B Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button 33984B Datasheet HTML 23Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 24Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 25Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 26Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 27Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 28Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 29Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 30Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
33984
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
SERIAL OUTPUT COMMUNICATION
(DEVICE STATUS RETURN DATA)
When the CS pin is pulled low, the output status register is
loaded. Meanwhile, the data is clocked out MSB- (OD7-) first
as the new message data is clocked into the SI pin. The first
eight bits of data clocking out of the SO, and following a CS
transition, are dependant upon the previously written SPI
word.
Any bits clocked out of the SO pin after the first eight will
be representative of the initial message bits clocked into the
SI pin since the CS pin first transitioned to a Logic [0]. This
feature is useful for daisy chaining devices as well as
message verification.
A valid message length is determined following a CS
transition of Logic [0] to Logic [1]. If there is a valid message
length, the data is latched into the appropriate registers. A
valid message length is a multiple of eight bits. At this time,
the SO pin is tri-stated and the fault status register is now
able to accept new fault status information.
The output status register correctly reflects the status of
the STATR-selected register data at the time that the CS is
pulled to a Logic [0] during SPI communication and/or for the
period of time since the last valid SPI communication, with
the following exceptions:
• The previous SPI communication was determined to be
invalid. In this case, the status will be reported as
though the invalid SPI communication never occurred.
• Battery transients below 6.0 V resulting in an under-
voltage shutdown of the outputs may result in incorrect
data loaded into the status register. The SO data
transmitted to the MCU during the first SPI
communication following an under-voltage VPWR
condition should be ignored.
•The RST pin transition from a Logic [0] to Logic [1] while
the WAKE pin is at Logic [0] may result in incorrect data
loaded into the status register. The SO data transmitted
to the MCU during the first SPI communication following
this condition should be ignored.
SERIAL OUTPUT BIT ASSIGNMENT
The 8 bits of serial output data depend on the previous
serial input message, as explained in the following
paragraphs. Table 16 summarizes the SO register content.
Bit OD7 reflects the state of the watchdog bit (D7)
addressed during the prior communication. The value of the
previous D7 will determine which output the status
information applies to for the Fault (FLTR), SOCHLR,
CDTOLR, and DICR registers. SO data will represent
information ranging from fault status to register contents,
user selected by writing to the STATR bits D2:D0. Note that
the SO data will continue to reflect the information for each
output (depending on the previous D7 state) that was
selected during the most recent STATR write until changed
with an updated STATR write.
Previous Address SOA[2:0]=000
If the previous three MSBs are 000, bits OD6:OD0 will
reflect the current state of the Fault register (FLTR)
corresponding to the output previously selected with the bit
OD7 (Table 17).
Previous Address SOA[2:0]=001
Data in bits OD1:OD0 contain CSNS0 EN and IN0_SPI
programmed bits, respectively. Data in bits OD3:OD2 contain
CSNS0 EN and IN0_SPI programmed bits, respectively.
Previous Address SOA[2:0]=010
The data in bit OD3 contain the programmed over-current
high detection level (refer to Table 12), and the data in bits
OD2:OD0 contain the programmed over-current low
detection levels (refer to Table 13).
Table 16. Serial Output Bit Map Description
Previous STATR
D7, D2, D1, D0
Serial Output Returned Data
SOA3 SOA2 SOA1 SOA0
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
s
0
0
0
s
OTFs
OCHFs
OCLFs
OLFs
UVF
OVF
FAULTs
x
0
0
1
x
0
0
1
CSNS1 EN
IN1_SPI
CSNS0 EN
IN0_SPI
s
0
1
0
s
0
1
0
SOCHs
SOCL2s
SOCL1s
SOCL0s
s
0
1
1
s
0
1
1
OL_DIS s
CD_DIS s
OCLT1s
OCLT0s
s
1
0
0
s
1
0
0
FAST SR s CSNS high s
IN DIS s
A/Os
0
1
0
1
0
1
0
1
FSM_HS0
OSD2
OSD1
OSD0
1
1
0
1
1
1
0
1
FSM_HS1
WDTO
WD1
WD0
0
1
1
0
0
1
1
0
IN1 Pin
IN0 Pin
FSI Pin
WAKE Pin
1
1
1
0
1
1
1
0
–
–
UV_dis
OV_dis
x
1
1
1
–
–
–
–
See Table 1
–
–
–
s = Selection of output: Logic [0] = HS0, Logic [1] = HS1.
x = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com