Electronic Components Datasheet Search
  English  ▼

X  

33988 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 33988
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33988 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 33988 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
33988
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
The 33988 can be configured in several applications. The figure below shows the 33988 in a typical main switch application.
Figure 12. Typical Applications
The loads must be chosen in order to guarantee the device
normal operating condition as junction temperature from -40
to 150°C. In case of permanent short-circuit conditions, the
duration and number of activation cycles must be limited with
a dedicated MCU fault management using the fault reporting
through SPI.
Figure 13 describes the maximum turn-off current versus
load inductance for single-pulse method, based on lab
characterization results. When driving DC motor or Solenoid
loads demanding multiple switching, an external recirculation
device must be used to maintain the device in its Safe
Operating Area.
Two application notes are available in order to:
• propose safe configurations of the eXtreme Switch
devices in case of application faults and protect all circuitry
with minimum external components (AN 3274),
• provide guidelines for Printed Circuit Board (PCB) design
and assembly (AN 2469).
Development effort will be required by the end users to
optimize the board design and PCB layout in order to reach
electromagnetic compatibility standards (emission and
immunity).
A/D
MCU
I/O
I/O
SI
SO
SCLK
I/O
CS
SI
FS
VDD
FSI
CSNS
RST
CS
IN0
SCLK
WAKE
NC VPWR
33988
100nF
10µF
VDD
VDD
GND
HS1
HS0
VPWR
VPWR
2.5µF
10nF
LOAD
RFS
1k
2.2k
10k
VDD
10
7
8
12
4
2
9
5
13
1
16
6
15
14
3
LOAD
Voltage
Regulator
VDD
VPWR
IN1
I/O
SO
11
10k
10k
10k
10k
10k
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com