Electronic Components Datasheet Search
  English  ▼

X  

HT45FM03B Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT45FM03B
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM03B Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT45FM03B Datasheet HTML 1Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 2Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 3Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 4Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 5Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 6Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 7Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 8Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
Block Diagram
Pin Assignment
HT45FM03B
Rev. 1.00
2
December 16, 2009
I n - c i r c u i t
P r o g r a m m i n g
C i r c u i t r y
S t a c k
R A M D a t a
M e m o r y
I / O
P o r t s
8 - b i t / 1 6 - b i t
T i m e r
P r o g r a m m a b l e
F r e q u e n c y
G e n e r a t o r
W a t c h d o g
T i m e r
P r o g r a m
M e m o r y
8 - b i t
R I S C
M C U
C o r e
W a t c h d o g
T i m e r O s c i l l a t o r
R e s e t
C i r c u i t
I n t e r r u p t
C o n t r o l l e r
I R C / E R C / C r y s t a l
S y s t e m O s c i l l a t o r
L o w
V o l t a g e
R e s e t
A / D
C o n v e r t e r
P W M
G e n e r a t o r
O P A
C o n t r o l
R e g i s t e r
A n a l o g
C o m p a r a t o r
C o n t r o l
R e g i s t e r
P A , P B , P C , P D
T M R 0 / T M R 1
P F D
O P A
C M P
R E S
I N T 0 A
I N T 0 B
I N T 0 C
I N T 1
O S C 1
O S C 2
P W M 0 H
P W M 0 L
P W M 1 H
P W M 1 L
P W M 2 H
P W M 2 L
O P V I N P
O P V I N N
O P O U T
C V I N P
C V I N N
C O U T
A N 0 ~ A N 7
H T 4 5 F M 0 3 B
2 8 S O P - A
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
P B 5 / A N 5 / [ I N T 0 B ]
P B 4 / A N 4 / [ I N T 0 A ]
P A 3 / C O U T
P A 2 / C V I N N
P A 1 / C V I N P
P A 0 / O P V I N P
P B 3 / A N 3 / O P V I N N
P B 2 / A N 2 / O P O U T
P B 1 / A N 1
P B 0 / A N 0
V S S / A V S S
P C 0 / P W M 0 H
P C 1 / P W M 0 L
P C 2 / P W M 1 H
P B 6 / A N 6 / [ I N T 0 C ]
P B 7 / A N 7 / T M R 0 / T M R 1
P A 4 / I N T 0 A
P A 5 / I N T 0 B
P A 6 / I N T 0 C
P A 7 / I N T 1
P D 3 / O S C 2
P D 2 / O S C 1
V D D / A V D D
P D 1 / R E S
P D 0 / P F D
P C 5 / P W M 2 L
P C 4 / P W M 2 H
P C 3 / P W M 1 L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com