Electronic Components Datasheet Search
  English  ▼

X  

HT45FM03B Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT45FM03B
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM03B Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT45FM03B Datasheet HTML 17Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 18Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 19Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 20Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 21Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 22Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 23Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 24Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
HT45FM03B
Rev. 1.00
21
December 16, 2009
V D D
M
U
X
R e a d D a t a R e g i s t e r
C o n t r o l B i t
P u l l - H i g h
O p t i o n
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
P B 0 / A N 0
P B 1 / A N 1
P B 2 / A N 2 / O P O U T
P B 3 / A N 3 / O P V I N N
P B 4 / A N 4 / I N T 0 A
P B 5 / A N 5 / I N T 0 B
P B 6 / A N 6 / I N T 0 C
P B 7 / A N 7 / T M R 0 / T M R 1
T o A / D C o n v e r t e r
P C R 2
P C R 1
P C R 0
W e a k
P u l l - u p
A n a l o g
I n p u t
S e l e c t o r
D
Q
C K
S
Q
D
Q
C K
S
Q
A C S 2 ~ A C S 0
I N T 0 A f o r P B 4
I N T 0 B f o r P B 5
I N T 0 C f o r P B 6
T M R 0 f o r P B 7
T M R 1 f o r P B 7
O P V I N N
O P O U T
PB Input/Output Ports
V D D
P F D o r P W M W a v e f o r m
M
U
X
R e a d D a t a R e g i s t e r
C o n t r o l B i t
P u l l - H i g h
O p t i o n
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
P F D / P W M O p t i o n
M
U
X
W e a k
P u l l - u p
D
Q
C K
S
Q
D
Q
C K
S
Q
P D 0 / P F D
P C 0 / P W M 0 H
P C 1 / P W M 0 L
P C 2 / P W M 1 H
P C 3 / P W M 1 L
P C 4 / P W M 2 H
P C 5 / P W M 2 L
PD0/PFD and PC Input/Output Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com