Electronic Components Datasheet Search
  English  ▼

X  

HT45FM03B Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT45FM03B
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM03B Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT45FM03B Datasheet HTML 37Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 38Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 39Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 40Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 41Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 42Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 43Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 44Page - Holtek Semiconductor Inc HT45FM03B Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 83 page
background image
HT45FM03B
Rev. 1.00
41
December 16, 2009
PWM Dead Time Function
Each PWM output normally drives a pair of push-pull
power transistors for load driving. The danger here is
that for short periods of time, both both output transis-
tors may be on simultaneously resulting in virtual short
circuit conditions across the power supply. To prevent
this happening a dead time function is included which
ensures that there is a period of time when both output
transistors are off when the PWM output changes state.
The dead time can have a value of 1/fD, 2/fD, 3/fD, 4/fD,
5/fD, 6/fD, 7/fD or 8/fD where fD is fSYS/1, fSYS/2, fSYS/4 or
fSYS/8. The PWM dead time is determined using the
PWMDT2, PWMDT1 and PWMDT0 bits in the PWMC0
register. The DTPS0 and DTPS1 bits in the MISC regis-
ter select the value for fD.
The dead time is a function of the system clock fre-
quency, the DTPSn bits and the PWMDTn bits. By pro-
gramming suitable values for these bits a wide range of
dead times can be chosen. The following equation
shows how the dead time can be calculated. The deci-
mal equivalent of the binary bit value should be substi-
tuted to calculate the value.
Dead Time value= (1/fD)
´((PWMDT2~PWMDT0)+1)
where fD is determined by the DTPSn bits.
For example:
· f
SYS=12MHz
· DTPS1, DTPS0= 11, i.e. f
D=fSYS/8
· PWMDT2~PWMDT0 = 101 (decimal 5)
¼ gives a dead time of 4ms.
A c t i v e
I n a c t i v e
P W M x H
P W M x L
P W M x H
P W M x L
( P W M w i t h o u t D e a d T i m e )
( P W M w i t h D e a d T i m e )
D e a d T i m e
D e a d T i m e
D e a d T i m e
Note:
The PWM and Complementary PWM Outputs include Dead Time ( Both PWMLEV and PWMCLEV= 0)
PWM Dead Time Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com