Electronic Components Datasheet Search
  English  ▼

X  

MPC8548E Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
36
Freescale Semiconductor
Enhanced Three-Speed Ethernet (eTSEC)
A timing diagram for TBI receive appears in Figure 16.
.
Figure 16. TBI Single-Clock Mode Receive AC Timing Diagram
8.2.6
RGMII and RTBI AC Timing Specifications
Table 33 presents the RGMII and RTBI AC timing specifications.
Table 33. RGMII and RTBI AC Timing Specifications
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Data to clock output skew (at transmitter)
tSKRGT
5
–5006
0
5006
ps
Data to clock input skew (at receiver) 2
tSKRGT
1.0
—
2.8
ns
Clock period 3
tRGT
5
7.2
8.0
8.8
ns
Duty cycle for 10BASE-T and 100BASE-TX3, 4
tRGTH/tRGT
5
45
50
55
%
Rise time (20%–80%)
tRGTR
5
—
—
0.75
ns
Fall time (20%–80%)
tRGTF
5
—
—
0.75
ns
Notes:
1. In general, the clock reference symbol representation for this section is based on the symbols RGT to represent RGMII and
RTBI timing. For example, the subscript of tRGT represents the TBI (T) receive (RX) clock. Note also that the notation for rise
(R) and fall (F) times follows the clock symbol that is being represented. For symbols representing skews, the subscript is
skew (SK) followed by the clock that is being skewed (RGT).
2. This implies that PC board design will require clocks to be routed such that an additional trace delay of greater than 1.5 ns
will be added to the associated clock signal.
3. For 10 and 100 Mbps, tRGT scales to 400 ns ± 40 ns and 40 ns ± 4 ns, respectively.
4. Duty cycle may be stretched/shrunk during speed changes or while transitioning to a received packet's clock domains as long
as the minimum duty cycle is not violated and stretching occurs for no more than three tRGT of the lowest speed transitioned
between.
5. Guaranteed by characterization.
6. In rev 1.0 silicon, due to errata, tSKRGT is -650 ps (min) and 650 ps (max). Please refer to “eTSEC 10” in the device errata
document.
tTRRX
tTRRH
tTRRF
tTRRR
RX_CLK
RCG[9:0]
Valid Data
tTRRDXKH
tTRRDVKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com