Electronic Components Datasheet Search
  English  ▼

X  

MPC8548E Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
42
Freescale Semiconductor
Local Bus
Table 39 provides the DC electrical characteristics for the local bus interface operating at
BVDD =2.5 VDC.
10.2
Local Bus AC Electrical Specifications
Table 40 describes the timing parameters of the local bus interface at BVDD = 3.3 V. For information about
the frequency range of local bus, see Section 19.1, “Clock Ranges.”
Table 39. Local Bus DC Electrical Characteristics (2.5 V DC)
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
1.70
BVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.7
V
Input current (VIN
1 = 0 V or V
IN = BVDD)IIH
—10
μA
IIL
–15
High-level output voltage (BVDD = min, IOH = –1 mA)
VOH
2.0
—
V
Low-level output voltage (BVDD = min, IOL = 1 mA)
VOL
—0.4
V
Note:
1. Note that the symbol VIN, in this case, represents the BVIN symbol referenced in Table 1 and Table 2.
Table 40. Local Bus Timing Parameters (BVDD = 3.3 V)—PLL Enabled
Parameter
Symbol1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
7.5
12
ns
2
Local bus duty cycle
tLBKH/tLBK
43
57
%
—
LCLK[n] skew to LCLK[m] or LSYNC_OUT
tLBKSKEW
—
150
ps
7, 8
Input setup to local bus clock (except LGTA/LUPWAIT)
tLBIVKH1
1.8
—
ns
3, 4
LGTA/LUPWAIT input setup to local bus clock
tLBIVKH2
1.7
—
ns
3, 4
Input hold from local bus clock (except LGTA/LUPWAIT)
tLBIXKH1
1.0
—
ns
3, 4
LGTA/LUPWAIT input hold from local bus clock
tLBIXKH2
1.0
—
ns
3, 4
LALE output transition to LAD/LDP output transition (LATCH hold time)
tLBOTOT
1.5
—
ns
6
Local bus clock to output valid (except LAD/LDP and LALE)
tLBKHOV1
—2.0
ns
—
Local bus clock to data valid for LAD/LDP
tLBKHOV2
—2.2
ns
3
Local bus clock to address valid for LAD
tLBKHOV3
—2.3
ns
3
Local bus clock to LALE assertion
tLBKHOV4
—2.3
ns
3
Output hold from local bus clock (except LAD/LDP and LALE)
tLBKHOX1
0.7
—
ns
3
Output hold from local bus clock for LAD/LDP
tLBKHOX2
0.7
—
ns
3
Local bus clock to output high Impedance (except LAD/LDP and LALE)
tLBKHOZ1
—2.5
ns
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com