Electronic Components Datasheet Search
  English  ▼

X  

MPC8548E Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
15
Input Clocks
4
Input Clocks
This section discusses the timing for the input clocks.
4.1
System Clock Timing
Table 5 provides the system clock (SYSCLK) AC timing specifications for the MPC8548E.
4.2
Real Time Clock Timing
The RTC input is sampled by the platform clock (CCB clock). The output of the sampling latch is then
used as an input to the counters of the PIC and the TimeBase unit of the e500. There is no jitter
specification. The minimum pulse width of the RTC signal should be greater than 2x the period of the CCB
clock. That is, minimum clock high time is 2
× t
CCB, and minimum clock low time is 2 × tCCB. There is
no minimum RTC frequency; RTC may be grounded if not needed.
Table 5. SYSCLK AC Timing Specifications
At recommended operating conditions (see Table 2) with OVDD = 3.3 V ± 165 mV.
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Notes
SYSCLK frequency
fSYSCLK
16
—
133
MHz
1, 6, 7, 8
SYSCLK cycle time
tSYSCLK
7.5
—
60
ns
6, 7, 8
SYSCLK rise and fall time
tKH, tKL
0.6
1.0
1.2
ns
2
SYSCLK duty cycle
tKHK/tSYSCLK
40
—
60
%
3
SYSCLK jitter
—
—
—
± 150
ps
4, 5
Notes:
1. Caution: The CCB clock to SYSCLK ratio and e500 core to CCB clock ratio settings must be chosen such that the resulting
SYSCLK frequency, e500 (core) frequency, and CCB clock frequency do not exceed their respective maximum or minimum
operating frequencies.Refer to Section 19.2, “CCB/SYSCLK PLL Ratio,” and Section 19.3, “e500 Core PLL Ratio,” for ratio
settings.
2. Rise and fall times for SYSCLK are measured at 0.6 and 2.7 V.
3. Timing is guaranteed by design and characterization.
4. This represents the total input jitter—short term and long term—and is guaranteed by design.
5. The SYSCLK driver’s closed loop jitter bandwidth should be <500 kHz at –20 dB. The bandwidth must be set low to allow
cascade-connected PLL-based devices to track SYSCLK drivers with the specified jitter.
6. This parameter has been adjusted slower according to the workaround for device erratum GEN 13.
7. For spread spectrum clocking. Guidelines are + 0% to –1% down spread at modulation rate between 20 and 60 kHz on
SYSCLK.
8. System with operating core frequency less than 1200 MHz must limit SYSCLK frequency to 100 MHz maximum..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com