Electronic Components Datasheet Search
  English  ▼

X  

EU1020 Datasheet(PDF) 7 Page - Eorex Corporation

Part # EU1020
Description  8-bit MCU with 10-bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1020 Datasheet(HTML) 7 Page - Eorex Corporation

Back Button EU1020 Datasheet HTML 3Page - Eorex Corporation EU1020 Datasheet HTML 4Page - Eorex Corporation EU1020 Datasheet HTML 5Page - Eorex Corporation EU1020 Datasheet HTML 6Page - Eorex Corporation EU1020 Datasheet HTML 7Page - Eorex Corporation EU1020 Datasheet HTML 8Page - Eorex Corporation EU1020 Datasheet HTML 9Page - Eorex Corporation EU1020 Datasheet HTML 10Page - Eorex Corporation EU1020 Datasheet HTML 11Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
eorex
EU1020
Feb.2009
www.eorex.com
Base Timer
Base timer is optioned from [BASE1, BASE0] and it will cause a period timer base interrupt enabled
(TBINT=1) & (TBEN=1).
BASE1
BASE0
TBASE
0
0
TT/2
0
1
TT/4
1
0
TT/8
1
1
TT/16
MCU clock selection
With a built-in internal RC oscillator, the MCU frequency (Fosc) is 4MHz ±3% @4.5V. MCU system
clock (Fsys) offers 4MHz, 2MHz, 1MHz, 500KHz or 250KHz by MCU clock options bit; RCSEL2~0.
Please refer to the following table.
Address
03H
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
UCCLK
#
BASE1 BASE0
RTC1
RTC0 RCSEL2 RCSEL1 RCSEL0
Read or Write
#
W
W
W
W
W
W
W
Default Value
0
0
0
0
0
0
0
0
The MCU system clock could be switched by setting RCSEL2~0. First, pre-set RCSEL2~0 register and
then execute “HALT” instruction. After then, MCU wake-up from HALT mode, MCU system frequency is
already changed to the new setting frequency.
RCSEL2
RCSEL1
RCSEL0
Frequency of MCU system clock (Fsys)
0
0
0
250KHz
0
0
1
500KHz
0
1
0
1MHz
0
1
1
2MHz
1
#
#
4MHz (Fosc)
7/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com