Electronic Components Datasheet Search
  English  ▼

X  

EU1020 Datasheet(PDF) 5 Page - Eorex Corporation

Part # EU1020
Description  8-bit MCU with 10-bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1020 Datasheet(HTML) 5 Page - Eorex Corporation

  EU1020 Datasheet HTML 1Page - Eorex Corporation EU1020 Datasheet HTML 2Page - Eorex Corporation EU1020 Datasheet HTML 3Page - Eorex Corporation EU1020 Datasheet HTML 4Page - Eorex Corporation EU1020 Datasheet HTML 5Page - Eorex Corporation EU1020 Datasheet HTML 6Page - Eorex Corporation EU1020 Datasheet HTML 7Page - Eorex Corporation EU1020 Datasheet HTML 8Page - Eorex Corporation EU1020 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
eorex
EU1020
Feb.2009
www.eorex.com
Special Function Register (SFR)
Special function register area is during the addresses from $00H to $22H. These special function
registers control all I/O and timer function setting. Some of memory addresses are not defined and
un-used. It is unnecessary for the users to read or write data from these undefined areas. User should
follow the default value or do not access these undefined area. All its functions are listed in next
sections.
Interrupt and Timers
Address
00H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
NAME INTEN
ADINT
#
#
T1INT
T0INT
PBINT
TBINT
RTCINT
Read or Write
R/W
#
#
R/W
R/W
R/W
R/W
R/W
Default Value
0
#
#
0
0
0
0
0
The EU1020 builds in 8 interrupt sources: Real Time Clock interrupt, Time Base interrupt, PB input ports
falling edge interrupt, Timer0 underflow interrupt, Timer1 underflow interrupt, A/D converter interrupt and
RESET interrupt. By setting control register INTEN (00H) that can enable or disable corresponding
interrupt sources. Interrupt source, interrupt vector address mapping and its priority are shown in the
following table.
Address
Interrupt Source
Priority
2FFF0H/2FF1H
ADC interrupt
7
2FF2H/2FF3H
Timer1 interrupt
6
2FF4H/2FF5H
Timer0 interrupt
5
2FF6H/2FF7H
PB port interrupt
4
2FF8H/2FF9H
Time base interrupt
3
2FFAH/2FFBH
RTC interrupt
2
2FFCH/2FFDH
Reset
1
2FFEH/2FFFH
Reserved
0
5/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com