Electronic Components Datasheet Search
  English  ▼

X  

EU1020 Datasheet(PDF) 6 Page - Eorex Corporation

Part # EU1020
Description  8-bit MCU with 10-bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1020 Datasheet(HTML) 6 Page - Eorex Corporation

Back Button EU1020 Datasheet HTML 2Page - Eorex Corporation EU1020 Datasheet HTML 3Page - Eorex Corporation EU1020 Datasheet HTML 4Page - Eorex Corporation EU1020 Datasheet HTML 5Page - Eorex Corporation EU1020 Datasheet HTML 6Page - Eorex Corporation EU1020 Datasheet HTML 7Page - Eorex Corporation EU1020 Datasheet HTML 8Page - Eorex Corporation EU1020 Datasheet HTML 9Page - Eorex Corporation EU1020 Datasheet HTML 10Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
eorex
EU1020
Feb.2009
www.eorex.com
RTC timer, Base timer interrupt and Watch Dog timer
Address
03H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
NAME UCCLK
#
BASE1
BASE0
RTC1
RTC0
RCSEL2
RCSEL1
RESEL0
Read or Write
W
W
W
W
W
W
W
W
Default Value
0
0
0
0
0
0
0
0
Real time counter
The EU1020 build-in a real time counter interrupt and its clock source is Fosc. Its frequency could be
optioned by UCCLK.4 & UCCLK.3 that could select real time interrupt frequency. For example, if the
clock source come from ExCLK/PB3 (when CKSEL=1) and the input frequency is 32,768Hz, select
“[RTC1, RTC0] = [0, 1]” and it will cause 2Hz interrupt when real time counter interrupt enabled
(RTCINT=1) & (RTCEN=1).
RTC1
RTC0
TRTC
0
0
TT/32
0
1
TT/64
1
0
TT/128
1
1
TT/256
6/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com