Electronic Components Datasheet Search
  English  ▼

X  

TLP137 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP137
Description  Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP137 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP137 Datasheet HTML 1Page - Toshiba Semiconductor TLP137 Datasheet HTML 2Page - Toshiba Semiconductor TLP137 Datasheet HTML 3Page - Toshiba Semiconductor TLP137 Datasheet HTML 4Page - Toshiba Semiconductor TLP137 Datasheet HTML 5Page - Toshiba Semiconductor TLP137 Datasheet HTML 6Page - Toshiba Semiconductor TLP137 Datasheet HTML 7Page - Toshiba Semiconductor TLP137 Datasheet HTML 8Page - Toshiba Semiconductor TLP137 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLP137
2002-09-25
5
Ambient temperature Ta (°C)
200
-
20
0
160
120
80
40
0
40
80
100
120
60
20
120
100
-
20
0
80
60
40
20
0
20
40
80
100
60
Ambient temperature Ta (°C)
IFP – DR
Duty cycle ratio DR
3000
10
1000
500
300
100
50
30
10-
3
3
10-
2
3
10-
1
3
10
0
PULSE WIDTH ≦ 100
ms
Ta = 25°C
3
IF – VF
Forward voltage VF (V)
100
0.1
0.6
50
30
10
5
3
1
0.5
0.3
0.8
1.0
1.2
1.4
1.6
1.8
Ta = 25°C
⊿
VF / ⊿Ta - IF
Forward current IF (mA)
-
3.2
-
0.4
0.1
-
2.0
-
1.6
-
1.2
-
0.8
0.5
1
3
5
10
30 50
-
2.4
0.3
-
2.8
IFP – VFP
Pulse forward voltage VFP (V)
1000
1
0.6
Pulse width ≦ 10
ms
Repetitive frequency
= 100 Hz
Ta = 25°C
1.0
2.2
2.6
3.0
500
300
100
50
30
10
5
3
1.4
1.8
IF – Ta
PC – Ta



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com