Electronic Components Datasheet Search
  English  ▼

X  

TLP137 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP137
Description  Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP137 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP137 Datasheet HTML 1Page - Toshiba Semiconductor TLP137 Datasheet HTML 2Page - Toshiba Semiconductor TLP137 Datasheet HTML 3Page - Toshiba Semiconductor TLP137 Datasheet HTML 4Page - Toshiba Semiconductor TLP137 Datasheet HTML 5Page - Toshiba Semiconductor TLP137 Datasheet HTML 6Page - Toshiba Semiconductor TLP137 Datasheet HTML 7Page - Toshiba Semiconductor TLP137 Datasheet HTML 8Page - Toshiba Semiconductor TLP137 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLP137
2002-09-25
7
VCE(sat) – Ta
Ambient temperature Ta (°C)
100
0.16
-
40
0.04
0.14
0.10
0.06
-
20
20
80
40
0.12
0.08
0
60
IF = 1mA
IC = 0.5mA
0
0.02
Load resistance RL (kΩ)
300
5
1
3
10
30
50
100
100
50
30
10
5
3
1
Switching Time – RL
tOFF
tON
tS
Ta = 25°C
IF=1.6mA
VCC=5V
RBE=470kΩ
Ambient temperature Ta (°C)
ICEO – Ta
120
0
20
40
80
60
10
1
10
0
10
-1
10
-4
10
-3
10
-2
100
24V
VCE=48V
5V
10V
IC – Ta
Ambient temperature Ta
(°C)
5
10
0.05
-
20
1
0.5
0.3
0.1
3
30
VCE=1.5V
VCE=0.5V
IF = 2mA
1mA
0.5mA
0.2mA
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com