Electronic Components Datasheet Search
  English  ▼

X  

TLP137 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP137
Description  Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP137 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP137 Datasheet HTML 1Page - Toshiba Semiconductor TLP137 Datasheet HTML 2Page - Toshiba Semiconductor TLP137 Datasheet HTML 3Page - Toshiba Semiconductor TLP137 Datasheet HTML 4Page - Toshiba Semiconductor TLP137 Datasheet HTML 5Page - Toshiba Semiconductor TLP137 Datasheet HTML 6Page - Toshiba Semiconductor TLP137 Datasheet HTML 7Page - Toshiba Semiconductor TLP137 Datasheet HTML 8Page - Toshiba Semiconductor TLP137 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLP137
2002-09-25
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5V
―
―
10
µA
Capacitance
CT
V = 0, f = 1MHz
―
30
―
pF
Collector
-emitter
breakdown voltage
V(BR)CEO IC = 0.5mA
80
―
―
V
Emitter
-collector
breakdown voltage
V(BR)ECO IE = 0.1mA
7
―
―
V
Collector
-base breakdown voltage V(BR)CBO IC = 0.1mA
80
―
―
V
Emitter
-base breakdown voltage
V(BR)EBO IE = 0.1mA
7
―
―
V
VCE = 48V
―
10
100
nA
Collector dark current
ICEO
VCE = 48V, Ta = 85°C
―
2
50
µA
Collector dark current
ICER
VCE = 48V, Ta = 85°C
RBE = 1MΩ
―
0.5
10
µA
Collector dark current
ICBO
VCB = 10V
―
0.1
―
nA
DC forward current gain
hFE
VCE = 5V, IC = 0.5mA
―
1000
―
―
Capacitance (collector to emitter)
CCE
V= 0, f = 1MHz
―
12
―
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
100
―
1200
Current transfer ratio
IC / IF
IF = 1mA, VCE = 0.5V
Rank BV
200
―
1200
%
50
―
―
Low input CTR
IC / IF(low)
IF = 0.5mA, VCE = 1.5V
Rank BV
100
―
―
%
Base photo
-current
IPB
IF = 1mA, VCB = 5V
―
5
―
µA
IC = 0.5mA, IF = 1mA
―
―
0.4
―
0.2
―
Collector-emitter
saturation voltage
VCE(sat)
IC = 1mA, IF = 1mA
Rank BV
―
―
0.4
V
Off
-state collector current
IC(off)
V F = 0.7V, VCE = 48V
―
―
10
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com