Electronic Components Datasheet Search
  English  ▼

X  

TLP512 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP512
Description  Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP512 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP512 Datasheet HTML 1Page - Toshiba Semiconductor TLP512 Datasheet HTML 2Page - Toshiba Semiconductor TLP512 Datasheet HTML 3Page - Toshiba Semiconductor TLP512 Datasheet HTML 4Page - Toshiba Semiconductor TLP512 Datasheet HTML 5Page - Toshiba Semiconductor TLP512 Datasheet HTML 6Page - Toshiba Semiconductor TLP512 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TLP512
2002-11-28
6
*: The above graphs show typical characteristics.
Output voltage VO (V)
IO – VO
Forward current IF (mA)
VO – IF
Load resistance RL (k9)
tpHL, tpLH – RL
01
0
1
2
3
4
5
6
7
2
4
6
8
10
IF = 5 mA
IF = 10 mA
IF = 15 mA
IF = 20 mA
IF = 25 mA
IF = 30 mA
VCC = 5 V
Ta
= 25°C
RL = 2 kW
3.9 k
W
10 k
W
IF
VCC = 5 V
RL
VO
Ta
= 25°C
0
0
4
8
12
16
20
24
1
2
3
5
4
IF = 16 mA
VCC = 5 V
Ta
= 25°C
tpLH
tpHL
0.1
1
3
0.3
10
30
100
0.5
1
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com