Electronic Components Datasheet Search
  English  ▼

X  

TLP512 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP512
Description  Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP512 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP512 Datasheet HTML 1Page - Toshiba Semiconductor TLP512 Datasheet HTML 2Page - Toshiba Semiconductor TLP512 Datasheet HTML 3Page - Toshiba Semiconductor TLP512 Datasheet HTML 4Page - Toshiba Semiconductor TLP512 Datasheet HTML 5Page - Toshiba Semiconductor TLP512 Datasheet HTML 6Page - Toshiba Semiconductor TLP512 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP512
2002-11-28
3
Electrical Characteristics (Ta
==== 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 16 mA
¾
1.65
1.85
V
Forward voltage temperature
coefficient
DVF/DTa
IF = 16 mA
¾
-2
¾
mV/°C
Reverse current
IR
VR = 5 V
¾
¾
10
mA
Pin-to-pin capacitance
CT
VF = 0, f = 1 MHz
¾
4.5
¾
pF
IOH (1)
IF = 0 mA, VCC = VO = 5.5 V
¾
3
500
nA
IOH (2)
IF = 0 mA, VCC = VO = 15 V
¾
¾
5
High-level output current
IOH
IF = 0 mA, VCC = VO = 15 V
Ta
= 70°C
¾
¾
50
mA
High-level supply current
ICCH
IF = 0 mA, VCC = 15 V
¾
0.01
1
mA
Coupled Electrical Characteristics (Ta
==== 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
IF = 16 mA, VCC = 4.5 V
VO = 0.4 V
20
40
¾
Current transfer ratio
IO/IF
IF = 16 mA, VCC = 4.5 V
VO = 0.4 V, Ta = 0 to 70°C
15
¾
¾
%
Low-level output voltage
VOL
IF = 16 mA, VCC = 4.5 V
IO = 2.4 mA
¾
¾
0.4
V
Isolation Characteristics (Ta
==== 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0, f = 1 MHz
(Note 7)
¾
0.8
¾
pF
Isolation resistance
RS
R.H.
£ 60%, VS = 500 V
(Note 7) 5
´ 10
10
1014
¾
W
AC 1 min
2500
¾
¾
AC 1 s, in oil
¾
5000
¾
Vrms
Isolation voltage
BVS
DC 1 min, in oil
¾
5000
¾
Vdc



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com