Electronic Components Datasheet Search
  English  ▼

X  

B84299G Datasheet(PDF) 2 Page - EPCOS

Part # B84299G
Description  Filters for Power Lines
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84299G Datasheet(HTML) 2 Page - EPCOS

  B84299G Datasheet HTML 1Page - EPCOS B84299G Datasheet HTML 2Page - EPCOS B84299G Datasheet HTML 3Page - EPCOS B84299G Datasheet HTML 4Page - EPCOS B84299G Datasheet HTML 5Page - EPCOS B84299G Datasheet HTML 6Page - EPCOS B84299G Datasheet HTML 7Page - EPCOS B84299G Datasheet HTML 8Page - EPCOS B84299G Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Features
General-purpose use through design
with separate lines without intercoupling
Use of single chokes.
Thus the insertion loss values are not
reduced under all operating current
conditions and not when operated with
artificial mains networks (AMN) or other
equipment with high leakage currents
Cable connection in filter eliminating
extra mechanical effort
Insertion loss to CISPR 17
Stopband attenuation to 40 GHz
Design
The filter cabinet consists of 2 areas.
The bottom area holds the low-frequency filter circuitry consisting of capacitors and chokes.
The top area is RF-tight. This is where the cables leading to the shielded room are connected.
The 2 areas of the cabinet are joined by an RF-tight wall, integrated into which there are coaxial
feed-through capacitors. The wall is of high-grade Cr-Ni steel material, ensuring constant and
non-corroding contact with the feed-through capacitors even in an unfavorable environment.
Access and connection
The bottom area is accessible through two doors, each fitted with a recessible handle and lock.
The top area has a specially designed lid with a dual seal that is bolted RF-tight to the cabinet.
In each area there are copper terminal rails for cable connection. Modified cable inlets and outlets
are available on inquiry.
Electrical design
Filtering is separate for each line. This maintains the specified attenuation even in the presence
of leakage current and on full load.
Filters for power lines
B84299G
Filter cabinets (300 to 1600 A)
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com