Electronic Components Datasheet Search
  English  ▼

X  

B84299G Datasheet(PDF) 5 Page - EPCOS

Part # B84299G
Description  Filters for Power Lines
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84299G Datasheet(HTML) 5 Page - EPCOS

  B84299G Datasheet HTML 1Page - EPCOS B84299G Datasheet HTML 2Page - EPCOS B84299G Datasheet HTML 3Page - EPCOS B84299G Datasheet HTML 4Page - EPCOS B84299G Datasheet HTML 5Page - EPCOS B84299G Datasheet HTML 6Page - EPCOS B84299G Datasheet HTML 7Page - EPCOS B84299G Datasheet HTML 8Page - EPCOS B84299G Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1) ... = Ordering code will be completed by the producer.
General technical data
Rated voltage
VR
440
V
Line/line
250
V
Line/case
Number of lines
4
Rated frequency
fR
50/60
Hz
Rated current
IR
See characteristics
Referred to +40
°C ambient
temperature
Maximum admissible
overcurrent
Iover
75
IR for 50 ms
10
IR for 1 s
2
IR for 1 min
1.4
IR for 15 min
Test voltage
Vtest
1200 VDC, 2 s
Line/line
1200 VDC, 2 s
Line/case
Voltage drop/phase
∆V
<1
% Of VR at 50 Hz and IR
Maximum DC resistance
Rmax
See characteristics
Per line
Permissible ambient
temperature
TA
25/+40
°C
Climatic category
(EN 60068-1)
25/085/56
25
°C/+85 °C/56 days damp
heat test
Characteristics and ordering codes
IR
A
Rmax
m
Ω
Dimensional
drawing
Approx. weight
kg
Ordering code1)
300
< 1
1
400
B84299G0069B...
500
< 0.5
1
450
B84299G0059B...
1600
< 0.03
2
800
B84299G0065B...
Filters for power lines
B84299G
Filter cabinets (300 to 1600 A)
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com