Electronic Components Datasheet Search
  English  ▼

X  

ST20P16 Datasheet(PDF) 5 Page - Sitronix Technology Co., Ltd.

Part # ST20P16
Description  16K 8-bit Single Chip Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST20P16 Datasheet(HTML) 5 Page - Sitronix Technology Co., Ltd.

  ST20P16 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ST20P16
Ver 1.5
5/10
6/13/07
6
6.. A
Ap
pp
plliic
ca
attiio
on
n C
Ciirrc
cu
uiitts
s
6.1
APPLICATION CIRCUIT UNDER 3V OPERATING VOLTAGE
VDD
: 3V
Clock
: 32768Hz crystal and 4.0MHz RC oscillator
LCD
: 1/8 duty
I/O
: PORT A
ALARM
: PSGO, PSGOB
FIGURE 6-1: APPLICATION CIRCUIT WITHOUT LCD KEYBOARD AWAKING PULSE
Note: The functions of PWRT have been added in the ST20P18. When ST20P18 is used as ST20P16,please connect to
GND.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com