Electronic Components Datasheet Search
  English  ▼

X  

ST20P16 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST20P16
Description  16K 8-bit Single Chip Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST20P16 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST20P16 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ST
ST20P16
16K 8-bit Single Chip Microcontroller
Notice: Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice. This is not a final specification.
Some parameters are subject to change.
Ver 1.5
1/10
6/13/07
1
1.. F
FE
EA
AT
TU
UR
RE
ES
S
8-bit static pipeline CPU
ROM: 16K x 8 bits
RAM: 192 x 8 bits
Operation voltage : 2.4V ~3.6V
24 CMOS Bi-directional bit programmable I/O pins
- Twenty (Port-A high nibble & Port-B/C) are shared with
LCD drives
6 Output pins (Four are shared with LCD common and two are
shared with PSG)
2 Input pins (code option: Shared with OSCX)
Hardware debounce option for input port
Bit programmable PULL-UP for input port
Timer/Counter :
- One 8-bit timer / 16-bit event counter
- One 8-bit BASE timer
Five powerful interrupt sources :
- External interrupt (edge trigger)
- TIMER1 interrupt
- BASE timer interrupt
- PORTA[7~0] interrupt (transition trigger)
- DAC reload interrupt
32-level deep stack
Dual clock source :
- OSCX: Crystal oscillator: 32768Hz
- OSC: RC oscillator 500K ~ 4M Hz
CPU clock
250k ~ 2M Hz
Build-in oscillator with warm-up timer
LCD controller driver:
- 16 level contrast control
- 320 ( 8x40) dots ( 1/8 duty, 1/4 bias, programmable)
- 160 ( 4x40) dots ( 1/4 duty, 1/3 bias, programmable)
- Two clock source options: RC and resonator oscillator
- Keyboard scan function supported on 20 shared segment
drives
- Internal bias resistors(1/4 bias & 1/3 bias) with 32 level
driving strength control
Programmable Sound Generator (PSG) includes :
- Tone generator
- Sound effect generator
- 16 level volume control
- Digital DAC for speech / tone
Three power down modes :
- WAI0 mode
- WAI1 mode
- STP mode
2
2.. G
GE
EN
NE
ER
RA
AL
L D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
N
ST20P16 is a low-cost, high-performance, fully static,
8-bit
microcontroller designed with CMOS silicon gate technology. It
comes with 8-bit pipeline CPU core, SRAM, timer, LCD driver,
I/O port, PSG and mask program ROM. A build-in dual oscillator
is specially integrated to enhance chip performance. For business
equipment and consumer applications. Such as watch, calculator,
and LCD game , ST20P16 is definitely a perfect solution for
implementation.


Similar Part No. - ST20P16

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST20P18 SITRONIX-ST20P18 Datasheet
357Kb / 12P
16K 8-bit Single Chip Microcontroller
More results

Similar Description - ST20P16

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
logo
Sitronix Technology Co....
ST20P18 SITRONIX-ST20P18 Datasheet
357Kb / 12P
16K 8-bit Single Chip Microcontroller
logo
Infineon Technologies A...
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com