Electronic Components Datasheet Search
  English  ▼

X  

ST20P16 Datasheet(PDF) 6 Page - Sitronix Technology Co., Ltd.

Part # ST20P16
Description  16K 8-bit Single Chip Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST20P16 Datasheet(HTML) 6 Page - Sitronix Technology Co., Ltd.

Back Button ST20P16 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST20P16 Datasheet HTML 10Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ST20P16
Ver 1.5
6/10
6/13/07
VDD
: 3V
Clock
: 32768Hz crystal and 4.0MHz RC oscillator
LCD
: 1/8 duty
I/O
: PORT A
ALARM
: PSG0, PSG1
FIGURE 6-2: APPLICATION CIRCUIT WITH LCD KEYBOARD AWAKING PULSE
Note:
1. COMs and SEGs output GND level, while the LCD is turned off.
2. If LCD is turned off, Keyboard Awaking Pulses must be turned off at the same
time.
3. Connect one capacitor of 100PF to OSCI stabilize oscillation frequency. This
capacitor must be placed close to OSCI.
4.The functions of PWRT have been added in the ST20P18. When ST20P18 is used as
ST20P16,please connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com