Electronic Components Datasheet Search
  English  ▼

X  

ST2604B Datasheet(PDF) 5 Page - Sitronix Technology Co., Ltd.

Part # ST2604B
Description  8-bit Integrated Microcontroller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2604B Datasheet(HTML) 5 Page - Sitronix Technology Co., Ltd.

  ST2604B Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
ST2604B
5/33
4
SIGNAL DESCRIPTIONS
TABLE 4-1 Signal Function Groups
Function Group
Pad No.
Designation
Description
Power
VCC , PVCC, AVCC
VCC: Power supply for system
AVCC: Power supply for LCD function
PVCC: Power supply for PSGO and PSGOB
NOTE: PVCC level must not be higher than VDD level.
Ground
GND , PGND, AGND
GND: System power ground
AGND: Power ground for LCD function
PGND: Power ground for PSGO and PSGOB
System control
RESET ,
TEST,
MMD/ CS0
RESET : Active low system reset signal input
TEST: Leave this pin open when normal operation
MMD/
CS0 : Memory modes selection pin
Normal mode: Enable internal ROM.
MMD/ CS0 is connected to GND.
Emulation mode: Disable internal ROM.
MMD/ CS0 is connected to the chip-select pin of external
ROM. During reset period, the MMD/ CS0 is an internally
pulled-up input pin. After reset cycles, MMD/ CS0 is
changed to be an output pin. It will output signal CS0 .
Clock
XIO,OSCI
OSCXO,OSCXI, ,
High frequency oscillator (OSC) mode selected by code-option
Crystal mode: One crystal or resonator should be connected
between OSCI and XIO
Resistor oscillator mode: One resistor should be connected
between OSCI and VCC
OSCXI, OSCXO: Connect one 32768Hz crystal between these
two pins when using low frequency oscillator
WR / SEG9,
RD / SEG8
External memory R/W control signals / LCD Segment drivers
A[22:0]/SEG32~SEG10
External memory address bus / LCD Segment drivers
External memory
bus signals
/ LCD drivers
D[7:0]/SEG7~SEG0
External memory data bus / LCD Segment drivers
PSG/PWM DAC
PSGO, PSGOB
PSG outputs. Connect to one buzzer or speaker
Keyboard scan
signal (return line)
PA7~0
I/O port A
GPIO / LCD drivers
PB6~0/SEG47~SEG41
I/O port B / LCD Segment drivers
Chip selects / LCD
drivers
1
~
CS5
/PD4~0 /
SEG37~SEG33,
CS6 /A23/PD5 /SEG38
I/O port D and chip-select outputs / LCD Segment drivers
UART
RXD0/PC7,TXD0/PC6,
RXD1/PD7/SEG40,TXD1/
PD6/SEG39
UART signals and I/Os / LCD Segment drivers
SPI
DATA_READY /PC5 ,
SS /PC4 , SDO/PC3 ,
SDI/PC2 , SCK/PC1
SPI signals and I/Os



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com