Electronic Components Datasheet Search
  English  ▼

X  

ST2604B Datasheet(PDF) 23 Page - Sitronix Technology Co., Ltd.

Part # ST2604B
Description  8-bit Integrated Microcontroller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2604B Datasheet(HTML) 23 Page - Sitronix Technology Co., Ltd.

Back Button ST2604B Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 27Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
ST2604B
23/33
<How to use IrDA mode to generate 38kHz carrier with data?>
Port-E-2 (PE2) is shared with clock signal output function, and the frequency of this pin is programmable.
Programmer can define which signal pattern is "0", and which signal is "1"
For example, using Timer_interrupt to enable/disable PE2 function, and programmers can produce the signal
pattern which means "0" or "1"
The same way, receive side can decode the signal by encode information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com