Electronic Components Datasheet Search
  English  ▼

X  

ST2604B Datasheet(PDF) 19 Page - Sitronix Technology Co., Ltd.

Part # ST2604B
Description  8-bit Integrated Microcontroller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2604B Datasheet(HTML) 19 Page - Sitronix Technology Co., Ltd.

Back Button ST2604B Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST2604B Datasheet HTML 23Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
ST2604B
19/33
Project Name
DATE:
ITEM
CHECK
NOTE
1. Make sure the resistor of R-OSC matches the desired frequency and VCC
2. Make sure the referenced data sheet is the most updated version
3. After power on, enter wait-0 mode for0.5 second before normal operation
4. Initialize user RAM and every related control register
5. Confirm Vlcd level, duty, bias, frame rate, alternating rate and the display quality of
LCD
6. Make sure to set LCKR=00h before turning off LCD function
7.
Make sure to implement a mechanism to fine-tune LCD contrast level. The
mechanism could be pin-option or keying-adjustment.
8. Confirm PSG output mode: Current DAC or one of three PWM modes
9.
Before entering power down mode, turn off unused peripheral such as LCD
controller, PSG, Current DAC and LVD
10.
Confirm I/O direction, default state and function-enable bits. Enable pull-up for
unused input pins
11. Read from an input port after the signals are stable. Ex. when doing key scan,
delay 12 us from a new scan value then read the return lines.
12. If an input connects to VCC or GND directly, make sure to remove any DC current
from internal pull-up/down resistor after the status is read.
13.
Do not use “read-modify-write”instructions, e.g. ROR and SMB0, to the registers
that are read-only, write-only or have different functions for read and write. The
registers at least include PA ~ PF, PL, PCL, PSGxA, PSGxB, TxCH, TxCL, PRS,
BTSR, BTC, MULL, MULH, MISC, SYS, IREQL, IREQH, LSSAL, LSSAH, LVPW,
LCKR, LFRA, LPAL, SDATAH, SDATAL, SSR, DMSL, DMSH, DMDL, DMDH,
DCNTL, DCNTH, LVCTR, UDATA and USR.
14. Disable unused functions and reserve “RTI”instruction for unused interrupt vectors
15.
Always disable interrupt function (by an ‘SEI’instruction) when modifying the
IENAL, IENAH, IREQL and IREQH registers.
16. Check stack memory is limited within 256 bytes.
17. Design a test mode to check every possible function
18. Follow the standard operation flow of using LCDCK=32KHz.
19 Use ST2600B (enable ST2604B EV mode), to develop the whole system., and
verify every functions, especially sound quality and LCD performance.
20 RC-type OSC has inter-sample variation.
For frequency-sensitive application (for example:IR communication and speech
sampling rate),
please use 32KHz_OSC to calibrate RC-type OSC by firmware
21 Fill up ROM until there has no empty place. (total 512K bytes)
22 Make sure LCKR[5]=0
Engineer
Manager



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com