Electronic Components Datasheet Search
  English  ▼

X  

16950B Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # 16950B
Description  Logic Analyzer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

16950B Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button 16950B Datasheet HTML 9Page - Agilent(Hewlett-Packard) 16950B Datasheet HTML 10Page - Agilent(Hewlett-Packard) 16950B Datasheet HTML 11Page - Agilent(Hewlett-Packard) 16950B Datasheet HTML 12Page - Agilent(Hewlett-Packard) 16950B Datasheet HTML 13Page - Agilent(Hewlett-Packard) 16950B Datasheet HTML 14Page - Agilent(Hewlett-Packard) 16950B Datasheet HTML 15Page - Agilent(Hewlett-Packard) 16950B Datasheet HTML 16Page - Agilent(Hewlett-Packard) 16950B Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
13
Agilent 16950B and 16951B Specifications and Characteristics
State (Synchronous) Analysis Mode
300 Mb/s State Mode
667 Mb/s State Mode
tWidth* [1, 2]
850 ps*, 550 ps typical
850 ps*, 550 ps typical
tSetup
0.5 tWidth
0.5 tWidth
tHold
0.5 tWidth
0.5 tWidth
tSample range [3]
–4 ns to +4 ns
–4 ns to +4 ns
tSample adjustment resolution
80 ps typical
80 ps typical
tSample accuracy, manual adjustment
± 300 ps
± 300 ps [4]
Maximum state data rate
300 Mb/s (DDR)
667 Mb/s (DDR)
600 Mb/s (Dual sample)
1066 Mb/s (Dual sample)
Maximum channels on a single time base
340 – (number of clocks)
306 – (1 clock)
and trigger [5]
Memory depth – 16950B [5]
Option 001: 1 M samples
Option 001: 1 M samples
Option 004: 4 M samples
Option 004: 4 M samples
Option 016: 16 M samples
Option 016: 16 M samples
Option 032: 32 M samples
Option 032: 32 M samples
Option 064: 64 M samples
Option 064: 64 M samples
Memory depth – 16951B [5]
256 M samples
256 M samples
Number of independent analyzers [6]
2
1
Number of clocks [7]
4
1
Number of clock qualifiers [7]
4
N/A
Minimum time between active
3.33 ns
1.50 ns
clock edges* [8]
Minimum master to slave clock time
1 ns
N/A
Minimum slave to master clock time
1 ns
N/A
Minimum slave to slave clock time
3.33 ns
N/A
*
Items marked with an asterisk (*) are specifications. All others are characteristics.
[1] Minimum eye width in system under test.
[2] Your choice of probe can limit system bandwidth. Choose a probe rated at 1066 Mb/s or
greater to maintain system bandwidth.
[3] Sample positions are independently adjustable for each data channel input. A negative
sample position causes the input to be synchronously sampled by that amount before
each active clock edge. A positive sample position causes the input to be synchronously
sampled by that amount after each active clock edge. A sampling position of zero causes
the input to be synchronously sampled coincident with each clock edge.
[4] Use of eye finder is recommended in 667 Mb/s state mode.
[5] In 300 Mb/s state mode, with all pods assigned, memory depth is half the maximum
memory depth. With one pod pair (34 channels) unassigned, the memory depth is full. One
pod pair (34 channels) must remain unassigned for time tags in 667 Mb/s state mode.
[6] Independent analyzers may be either state or timing. When the 667 Mb/s state mode is
selected, only one analyzer may be used.
[7] In the 300 Mb/s state mode, the total number of clocks and qualifiers is 4. All clock and
qualifier inputs must be on the master modules.
[8] Tested with input signal Vh = +1.125 V, Vl = +0.875 V = 1 V/ns, threshold = +1.0 V,
tr/tf = 180 ps ± 30 ps (10%, 90%).
Clock Channel
Data Eye
vHeight
tWidth
vThreshold
tSetup tHold
tSample
Sampling Position
OV
Individual
Data Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com