Electronic Components Datasheet Search
  English  ▼

X  

16950B Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 16950B
Description  Logic Analyzer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

16950B Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  16950B Datasheet HTML 1Page - Agilent(Hewlett-Packard) 16950B Datasheet HTML 2Page - Agilent(Hewlett-Packard) 16950B Datasheet HTML 3Page - Agilent(Hewlett-Packard) 16950B Datasheet HTML 4Page - Agilent(Hewlett-Packard) 16950B Datasheet HTML 5Page - Agilent(Hewlett-Packard) 16950B Datasheet HTML 6Page - Agilent(Hewlett-Packard) 16950B Datasheet HTML 7Page - Agilent(Hewlett-Packard) 16950B Datasheet HTML 8Page - Agilent(Hewlett-Packard) 16950B Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
Logic Analyzer Selection Guide for 16900 Series Mainframes
Agilent Model Number
16910A/16911A
16950B/16951B
16760A
Channels per module
102/68
68
34
Maximum channels on
510/340
340
170
single time base
Timing Mode
High-speed timing zoom [1]
4 GHz (250 ps) with 64 K depth
4 GHz (250 ps) with 64 K depth
N/A
Maximum timing sample
1.0 GHz (1 ns)
1.2 GHz (833 ps)
800 MHz
rate: half channel mode
Maximum timing sample
500 MHz (2.0 ns)
600 MHz (1.67 ns)
800 MHz
rate: full channel mode
Transitional timing
500 MHz (2.0 ns)
600 MHz (1.67 ns)
400 MHz
State Mode
Maximum state clock rate
450 MHz with option 500,
667 MHz
800 Mb/s (full channel),
250 MHz with option 250
1.5 Gb/s (half channel)
Maximum state data rate
500 Mb/s with option 500,
667 Mb/s (DDR)
1.5 Gb/s
250 Mb/s with option 250
1066 Mb/s (Dual Sample)
Setup/hold window
1.5 ns
1 ns (600 ps typical),
1 ns
Adjustment resolution
80 ps typical
80 ps typical
10 ps
State clock, data rate
Yes (Agilent E5865A for 16910A)
No
No
(upgradeable)
(Agilent E5866A for 16911A)
Automated threshold/sample
Yes
Yes
Yes
position, Simultaneous eye
diagrams, all channels
Memory Depth [2]
256 M
16951B
64 M
16950B, Option 064
16760A
32 M
Option 032
16950B, Option 032
16 M
Option 016
16950B, Option 016
4 M
Option 004
16950B, Option 004
1 M
Option 001
16950B, Option 001
256 K
Option 256
Memory depth
Yes (Agilent E5865A for 16910A)
Yes (Agilent E5875A)
64 M standard
(upgradeable)
(Agilent E5866A for 16911A)
Other
Supported signal types
Single-ended
Single-ended and differential
Single-ended and differential
Probe compatibility [3]
40-pin cable connector
90-pin cable connector
90-pin cable connector
Voltage threshold
–5 V to 5 V (10 mV increments)
–3 V to 5 V (10 mV increments)
–3 V to 5 V (10 mV increments)
Threshold Accuracy
±50 mV + 1% of setting
±30 mV ±2% of setting
±(30 mV + 1% of setting)
[1] All channels, all the time, simultaneous state and timing through same probe.
[2] Specify desired memory depth using available options.
[3] Probes are ordered separately. Please specify probes when ordering to ensure the correct connection between your logic analyzer and the device under test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com