Electronic Components Datasheet Search
  English  ▼

X  

ST7529 Datasheet(PDF) 71 Page - Sitronix Technology Co., Ltd.

Part # ST7529
Description  32 Gray Scale Dot Matrix LCD Controller/Driver
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7529 Datasheet(HTML) 71 Page - Sitronix Technology Co., Ltd.

Back Button ST7529 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
ST7529
Ver 1.8
71/86
2007/10/25
System Bus Read/Write Characteristics 1 (For the 6800 Series MPU)
tAH6
tAW6
tCYC6
tEWLR,tEWLW
tEWHR,tEWHW
tDS6
tACC6
tOH6
tDH6
E, RD
A0
R/W
D0 to D7
(Write)
D0 to D7
(Read)
XCS
Figure 40.
(VDD = 3.3 V , Ta = –30 to 85°C,Die)
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Address hold time
tAH6
-
2 0
-
Address setup time
A0
tAW6
-
2 0
-
System cycle time
tCYC6
-
2 0 0
-
Enable L pulse width (WRITE)
tEWLW
-
1 0 0
-
Enable H pulse width (WRITE)
E
tEWHW
-
1 0 0
-
Enable L pulse width (READ)
tEWLR
-
1 0 0
-
Enable H pulse width (READ)
RD
tEWHR
-
1 0 0
-
WRITE Data setup time
tDS6
-
1 5 0
-
WRITE Address hold time
tDH6
-
2 0
-
READ access time
tACC6
CL = 100 pF
-
4 0
READ Output disable time
D0 to D7
tOH6
CL = 100 pF
-
3 0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com