Electronic Components Datasheet Search
  English  ▼

X  

ST7529 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST7529
Description  32 Gray Scale Dot Matrix LCD Controller/Driver
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7529 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7529 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
ST7529
Ver 1.8
2/86
2007/10/25
3. Pad Arrangement
Chip Size :
16.550mm x 1.525mm
Pad pitch :
Com, Seg pad pitch: 43µm
IO pad pitch: 110µm
Test pin pad pitch: 75µm
Pad size :
Com, Seg pad size:
Pad No1~362 : 25µm (X) x 96µm (Y)
Pad No363~390 : 96µm (X) x 25µm (Y)
Pad No544~571 : 96µm (X) x 25µm (Y)
IO pad pad size: 90µm (X) x 40µm (Y)
Test pin pad size: 55µm (X) x 40µm (Y)
Bump Height: 17µm
Chip Thickness: 635µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com