Electronic Components Datasheet Search
  English  ▼

X  

ST7529 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST7529
Description  32 Gray Scale Dot Matrix LCD Controller/Driver
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7529 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST7529 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7529 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 86 page
background image
ST7529
Ver 1.8
17/86
2007/10/25
(2) 3B3P 32 Gray Scale Display
1. 8-bit mode
D7 D6 D5 D4 D3 D2 D1 D0
P0 P0 P0 P0 P0 X
X X 1st write
P1 P1 P1 P1 P1 X
X X 2nd write
P2 P2 P2 P2 P2 X
X X 3rd write
A single pixel of data is read after the third write operation as shown, and it is written in the display RAM.
“X” are dummy bits, which are ignored for display.
2. 16 bit mode
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
P0 P0
P0 P0 P0
X
X X P1 P1 P1 P1 P1 X X
X 1st write
P2 P2
P2 P2 P2
X
X X
X X
X X
X
X X
X 2nd write
A single pixel of data is read after the second write operation as shown, and it is written in the display RAM.
“X” are dummy bits, which are ignored for display.
7.1.3 8-bit (4 line) and 9-bit (3 line) Serial Interface
The 8-bit serial interface uses four pins XCS, SI, SCL, and A0 to enter commands and data. Meanwhile, the 9-bit serial
interface uses three pins XCS, SI and SCL for the same purpose.
Data read is not available in the serial interface. The entered data must be 8 bits. Refer to the following chart for entering
commands, parameters or gray-scale data.
The relation between gray-scale data and data bus in the serial input is the same as that in the 8-bit parallel interface mode
at every gradation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com