Electronic Components Datasheet Search
  English  ▼

X  

ST7568 Datasheet(PDF) 49 Page - Sitronix Technology Co., Ltd.

Part # ST7568
Description  68 x 102 Dot Matrix LCD Controller/Driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7568 Datasheet(HTML) 49 Page - Sitronix Technology Co., Ltd.

Back Button ST7568 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
ST7568
Ver 2.2
49/73
2008/01/04
Bare Dice Consumption Current : During Display, with the Internal Power Supply, Current consumed by total ICs when an
external power supply(VDD,VDD2) is used .
Rating
Test pattern
Symbol
Condition
Min.
Typ.
Max.
Units
Notes
Display Pattern
SNOW
ISS
VDD,VDD2 = 3.0 V,
V0
– VSS = 9.0 V
4X Booster
1/9 Bias
—
300
400
μA
*8
Power Down
ISS
VDD=3.0V
Ta = 25
°C
—
0.01
2
μA
Notes to the DC characteristics
1. The maximum possible VLCD voltage that may be generated is dependent on voltage, temperature and (display) load.
2. Internal clock
3. Power-down mode. During power down all static currents are switched off.
4. If external VLCDIN, the display load current is not transmitted to IDD.
5. VOUT external voltage applied to VLCDIN pin; VLCDIN disconnected from VLCDOUT (no connect)
References for items market with *
*1 While a broad range of operating voltages is guaranteed, performance cannot be guaranteed if there are sudden
fluctuations to the voltage while the MPU is being accessed.
*2 The A0, D0 to D5, D6 (SI), D7 (SCL), /RD (E), /WR ,/(R/W), CSB, IMS, OSC, P/S, /DOF, RESB ,and MODE terminals.
*3 The D0 to D7, and OSC terminals.
*4 The A0,/RD (E), /WR ,/(R/W), CSB, IMS, OSC, P/S, /DOF, RESB ,and MODE terminals.
*5 Applies when the D0 to D5, D6 (SI), D7 (SCL) terminals are in a high impedance state.
*6 These are the resistance values for when a 0.1 V voltage is applied between the output terminal SEGn or COMn and the
various power supply terminals (V1, V2, V3, and V4). These are specified for the operating voltage range.
RON = 0.1 V /
ΔI (Where ΔI is the current that flows when 0.1 V is applied while the power supply is ON.)
*7 The relationship between the oscillator frequency and the frame rate frequency.
*8,9It indicates the current consumed on ICs alone when the internal oscillator circuit and display are turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com