Electronic Components Datasheet Search
  English  ▼

X  

ST7568 Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST7568
Description  68 x 102 Dot Matrix LCD Controller/Driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7568 Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST7568 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
ST7568
Ver 2.2
22/73
2008/01/04
SEG output
SEG
0
SEG
1
SEG
2
SEG
3
…
SEG
98
SEG
99
SEG
100
SEG
101
Column
address [X6:X0]
00H
01H
02H
03H
…
62H
63H
64H
65H
Internal column
address
00
HEX
01
HEX
02
HEX
03
HEX
04
HEX
05
HEX
06
HEX
07
HEX
…
7C
HEX
7D
HEX
7E
HEX
7F
HEX
80
HEX
81
HEX
82
HEX
83
HEX
Display data
(MX=0)
1
1
1
0
0
0
0
1
…
1
0
1
1
0
0
0
1
LCD panel
display
…
Display data
(MX=1)
0
1
0
0
1
1
1
0
…
0
1
0
0
1
0
1
1
LCD panel
display
…
Figure10.The Relationship between the Column Address and The Segment Outputs
ADDRESSING
Data is downloaded in bytes into the RAM matrix of ST7568 as indicated in Figs.11, 12,13. The display RAM has a matrix
of 68 by 102 × 2 bits. The address pointer addresses the columns. The address ranges are: X 0 to 101 (1100101), Y 0 to 9
(1001). Addresses outside these ranges are not allowed.
In vertical addressing mode (V=1) the Y address increments after each byte (see Fig.13). After the last Y address (Y = 9) Y
wraps around to 0 and X increments to address the next column.
In horizontal addressing mode (V=0) the X address increments after each byte (see Fig.12). After the last X address
(X = 101) X wraps around to 0 and Y increments to address the next row.
After the very last address (X = 101, Y = 9) the address pointers wrap around to address (X = 0, Y =0)
Data structure
0
LSB
MSB
0
101
X-address
1
2
3
4
5
6
7
8
9
LSB
MSB
1 bit
D0
D7
Fig.11 RAM format, addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com