Electronic Components Datasheet Search
  English  ▼

X  

ST7689 Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # ST7689
Description  128RGB x 160 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7689 Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button ST7689 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 195 page
background image
ST7689
Version 1.0
Page 39 of 195
2009/10
Before writing to the RAM, a window must be defined into which will be written. The window is programmable via the
command registers XS, YS designating the start address and XE, YE designating the end address.
For example the whole display contents will be written, the window is defined by the following values: XS=0 (0h) YS=0
(0h) and XE=127 (7Fh), YE=159 (9Fh).
In vertical addressing mode (MV=1), the Y-address increments after each byte, after the last Y-address (Y=YE), Y
wraps around to YS and X increments to address the next column. In horizontal addressing mode (MV=0), the X-address
increments after each byte, after the last X-address (X=XE), X wraps around to SC and Y increments to address the next
row. After the every last address (X=XE and Y=YE) the address pointers wrap around to address (X=XS and Y=YS). For
flexibility in handling a wide variety of display architectures, the commands “CASET, RASET” and “MADCTL”, define flags
MX, MY and MV, which allows mirroring of the X-address and Y-address. All combinations of flags are allowed. Figure 5
show the available combinations of writing to the display RAM. When MX, MY and MV will be changed the data must be
rewritten to the display RAM.
For each image condition, the controls for the column and row counters apply as below:
Condition
Column Counter
Row Counter
When RAMWR command is accepted
Return to “Start
Column (XS)”
Return to “Start
Row (YS)”
Complete Pixel Read / Write action
Increment by 1
No change
The Column counter value is larger than “End Column (XE)”
Return to “Start
Column (XS)”
Increment by 1
The Row counter value is larger than “End Row (YE)”
Return to “Start
Column (XS)”
Return to “Start
Row (YS)”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com