Electronic Components Datasheet Search
  English  ▼

X  

ST7689 Datasheet(PDF) 59 Page - Sitronix Technology Co., Ltd.

Part # ST7689
Description  128RGB x 160 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7689 Datasheet(HTML) 59 Page - Sitronix Technology Co., Ltd.

Back Button ST7689 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 195 page
background image
ST7689
Version 1.0
Page 59 of 195
2009/10
8. COMMANDS
8.1. Instruction Table
Command Table-1
Hex
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Function
Ref
(00h)
NOP
0
1
0
0
0
0
0
0
0
0
0
No Operation
8.1.1
(01h)
SWRESET
0
1
0
0
0
0
0
0
0
0
1
Software reset
8.1.2
(09h)
RDDST
0
1
0
0
0
0
0
1
0
0
1
Read Display Status
8.1.3
-
1
0
1
-
-
-
-
-
-
-
-
Dummy read
-
1
0
1
ST31 ST30 ST29 ST28 ST27 ST26 ST25 ST24 (D31-D24)
-
1
0
1
ST23 ST22 ST21 ST20 ST19 ST18 ST17 ST16 (D23-D16)
-
1
0
1
ST15 ST14 ST13 ST12 ST11 ST10 ST9
ST8
(D15-D8)
-
1
0
1
ST7
ST6
ST5
ST4
ST3
ST2
ST1
ST0
(D7-D0)
(0Bh)
RDDMADCTL
0
1
0
0
0
0
0
1
0
1
1
Read Display MADCTL
8.1.4
-
1
0
1
-
-
-
-
-
-
-
-
Dummy read
-
1
0
1
D7
D6
D5
D4
D3
0
0
0
-
(0Ch)
RDDCOLMOD
0
1
0
0
0
0
0
1
1
0
0
Read Display Pixel Format
8.1.5
-
1
0
1
-
-
-
-
-
-
-
-
Dummy read
-
1
0
1
0
0
0
0
0
D2
D1
D0
-
(0Dh)
RDDIM
0
1
0
0
0
0
0
1
1
0
1
Read Display Image Mode
8.1.6
-
1
0
1
-
-
-
-
-
-
-
-
Dummy read
-
1
0
1
D7
0
D5
D4
D3
0
0
0
-
(10h)
SLPIN
0
1
0
0
0
0
1
0
0
0
0
Sleep in & booster off
8.1.7
(11h)
SLPOUT
0
1
0
0
0
0
1
0
0
0
1
Sleep out & booster on
8.1.8
(12h)
PTLON
0
1
0
0
0
0
1
0
0
1
0
Partial mode on
8.1.9
(13h)
NORON
0
1
0
0
0
0
1
0
0
1
1
Partial off (Normal)
8.1.10
(20h)
INVOFF
0
1
0
0
0
1
0
0
0
0
0
Display inversion off (normal)
8.1.11
(21h)
INVON
0
1
0
0
0
1
0
0
0
0
1
Display inversion on
8.1.12
(22h)
APOFF
0
1
0
0
0
1
0
0
0
1
0
All pixel off (Only for test purpose)
8.1.13
(23h)
APON
0
1
0
0
0
1
0
0
0
1
1
All pixel on (Only for test
purpose)
8.1.14
(25h)
WRCNTR
0
1
0
0
0
1
0
0
1
0
1
Write contrast
8.1.15
-
1
1
0
0
EV6
EV5
EV4
EV3
EV2
EV1
EV0 EV = 0 to 127
(28h)
DISPOFF
0
1
0
0
0
1
0
1
0
0
0
Display off
8.1.16
(29h)
DISPON
0
1
0
0
0
1
0
1
0
0
1
Display on
8.1.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com