Electronic Components Datasheet Search
  English  ▼

X  

ST7689 Datasheet(PDF) 49 Page - Sitronix Technology Co., Ltd.

Part # ST7689
Description  128RGB x 160 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7689 Datasheet(HTML) 49 Page - Sitronix Technology Co., Ltd.

Back Button ST7689 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 195 page
background image
ST7689
Version 1.0
Page 49 of 195
2009/10
7.4. Gray-Scale Display
ST7689 incorporates a 4FRC & 31 PWM function circuit to display a 64 gray-scale display.
7.5. Oscillation Circuit
ST7689 is built-in an oscillator circuit. It provides internal clock without external resistor. This oscillator signal is used in
the voltage converter and display timing generation circuit.
7.6. Display Timing Generator Circuit
This circuit generates some signals to be used for displaying LCD. The display clock, which is generated by oscillation
clock, generates the clock for the line counter and the signal for the display data latch. The line address of on-chip RAM is
generated in synchronization with the display clock and the display data latch circuit latches the display data in
synchronization with the display clock. The display data, which is read to the LCD driver, is completely independent of the
access to the display data RAM from the microprocessor. The display clock generates an LCD AC signal (M), which
enables the LCD driver to make an AC drive waveform, and also generates an internal common timing signal and start
signal to the common driver. The frame signal or the line signal changes the M by setting internal instruction. Driving
waveform and internal timing signal are shown in Figure 8.
FR(Internal)
M(Internal)
COM0
COM10
SEGn
Fosc
158
0
1
2
3
4
5
6
7
8 9
10 11
159
159
158
1
3 4
2
0
Figure 8 2 frame AC Driving Waveform (Duty Ratio: 1/160)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com