Electronic Components Datasheet Search
  English  ▼

X  

ST7712 Datasheet(PDF) 49 Page - Sitronix Technology Co., Ltd.

Part # ST7712
Description  262K Color Single-Chip TFT Controller/Driver
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7712 Datasheet(HTML) 49 Page - Sitronix Technology Co., Ltd.

Back Button ST7712 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 113 page
background image
ST7712
Ver 2.3
49/113
2007/07/19
Command read/write (IR)
Write: The index instruction specifies the RAM control indexes (R00h to R45h). It sets the register number from 0000000 to
1111111 in binary form. Don’t use the register or instruction bits to which the index is not assigned.
Read: Read instruction reads the internal status of the ST7712.
(
LADDER[7:0]: Indicate the position of raster-row driving liquid crystal; I[6:0]: Read value of the Instruction Register.)
INI: The internal state after resetting of ST7712
Internal Register selection (00h)
W/R
RS
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
W
1
-
-
-
-
-
-
-
-
-
-
-
RAJ[2:0]
OSCPWR
OSCON
R
1
0
1
1
1
0
0
0
1
0
0
1
0
0
0
*
*
INI
-
-
-
-
-
-
-
-
-
-
-
1
0
0
0
0
Write
RAJ[2:0]: When OSCON=1 and OSCPWR=0, the internal resistor for OSC can be adjusted by setting RAJ[2:0].
RAJ1
RAJ2
RAJ3
internal resistor for OSC
0
0
0
350K
0
0
1
280K
0
1
0
250K
0
1
1
220K
1
0
0
190K (Default value)
1
0
1
170K
1
1
0
160K
1
1
1
120K
Unit(KHz)
OSCPWR: Select Internal or external OSC power and OSC.
When OSCPWR=0, use the internal OSC power and resistor
When OSCPWR=1, use the external OSC power and resistor
OSCON: Turn on or turn off the OSC.
When OSCON=0, OSC OFF
When OSCON=1, OSC ON
Read
D15-D4: Identify the ST7712. The data read from D15-D4 can tell ST7712 from the other ICs.
D15-D12 fixed to “0111” (07h)
D11-D8 fixed to “0001” (01h)
D7-D4 fixed to “0010” (02h)
D1 and D0 are read as the status of OSCPWR and OSCON.
R/W
RS
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
W
0
-
-
-
-
-
-
-
-
-
I[6:0]
INI
-
-
-
-
-
-
-
-
-
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com