Electronic Components Datasheet Search
  English  ▼

X  

ST7712 Datasheet(PDF) 63 Page - Sitronix Technology Co., Ltd.

Part # ST7712
Description  262K Color Single-Chip TFT Controller/Driver
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7712 Datasheet(HTML) 63 Page - Sitronix Technology Co., Ltd.

Back Button ST7712 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7712 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 113 page
background image
ST7712
Ver 2.3
63/113
2007/07/19
AP[2:0]: Adjust the amount of constant current from the constant current source of operational amplifier for the liquid
crystal drive power supply. When the amount of constant current is set large, the liquid crystal drive capacity will be
enhanced and the display quality will improve, while the current consumption will increase. Select an optimum amount of
current taking both the display quality and the current consumption into account. During non-display operation, set
AP[2:0]= “000” to halt the operational amplifier and step-up circuits to reduce current consumption.
AP2
AP1
AP0
Output OP Driver current adjustment
0
0
0
Setting Disabled
0
0
1
Setting Disabled
0
1
0
0.54
0
1
1
0.75
1
0
0
1
1
0
1
1.26
1
1
0
1.53
1
1
1
1.74
DK: Control the operation of the step-up circuit 1. When turning on the power supply, stop the startup of VLOUT1 for a
moment, and wait for an enough time until VLOUT2 is stabilized before starting up VLOUT1.
DK
Operation of step-up circuit 1
0
Operation
1
Halt
SLP: When SLP = 1, the sleep mode is entered.
SLP
Status
0
Operation
1
Sleep only OSC is working
In the sleep mode, internal display operation is halted except the R-C oscillator to reduce current consumption. Only power
control instructions (BT[2:0], DC[2:0], AP[2:0], SLP, STB, VC[2:0], VRH[4:0], VCOMG, VDV[4:0], and VCM[4:0] bits) are
executed during the sleep mode. No change is made to the DDRAM data or instructions during the sleep mode, and the
DDRAM data and the instructions are retained.
STB: When STB = 1, the standby mode is entered.
In the standby mode, display operation is completely halted, and all internal operations including the internal R-C oscillator
and reception of external clock pulse, are halted. For details, see the “Standby Mode” section. Only instructions to release
from the standby mode (STB = 0) and to start oscillation are accepted during the standby mode. DDRAM data and
instructions are susceptible to destruction during the standby mode and require resetting after release from the standby
mode.
STB
Status
0
Operation
1
Stand-by OSC is halted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com